công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14557BDWG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC14557BDWG
Giải thích chi tiết về linh kiện  1-to-64 Bit Variable Length Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14557BDWG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC14557BDWG Datasheet HTML 1Page - ON Semiconductor MC14557BDWG Datasheet HTML 2Page - ON Semiconductor MC14557BDWG Datasheet HTML 3Page - ON Semiconductor MC14557BDWG Datasheet HTML 4Page - ON Semiconductor MC14557BDWG Datasheet HTML 5Page - ON Semiconductor MC14557BDWG Datasheet HTML 6Page - ON Semiconductor MC14557BDWG Datasheet HTML 7Page - ON Semiconductor MC14557BDWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14557B
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Symbol
Characteristic
VDD
Vdc
− 55°C
25°C
125°C
Unit
Min
Max
Min
Typ
(Note 3)
Max
Min
Max
VOL
Output Voltage
“0” Level
Vin = VDD or 0
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
“1” Level
Vin = 0 or VDD
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
VIL
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
IOH
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
5.0
5.0
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
IOL
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
Iin
Input Current
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Cin
Input Capacitance
(Vin = 0)
5.0
7.5
pF
IDD
Quiescent Current
(Per Package)
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
mAdc
IT
Total Supply Current (Notes 4, 5)
(Dynamic plus Quiescent, Per Package)
(CL = 50 pF on all outputs, all buffers switching)
5.0
10
15
IT = (1.75 mA/kHz) f + IDD
IT = (3.50 mA/kHz) f + IDD
IT = (5.25 mA/kHz) f + IDD
mAdc
3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
4. The formulas given are for the typical characteristics only at 25°C.
5. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF,
V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Số phần tương tự - MC14557BDWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14557BDW ONSEMI-MC14557BDW Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14557BDW MOTOROLA-MC14557BDW Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
ON Semiconductor
MC14557BDW ONSEMI-MC14557BDW Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
MC14557BDWR2 ONSEMI-MC14557BDWR2 Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
MC14557BDWR2 ONSEMI-MC14557BDWR2 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
More results

Mô tả tương tự - MC14557BDWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557B ONSEMI-MC14557B Datasheet
169Kb / 8P
   1-to-64 Bit Variable Length Shift Register
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
TMC2011A FAIRCHILD-TMC2011A Datasheet
69Kb / 12P
   Variable-Length Shift Register
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com