công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74VHCT574ADTG bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC74VHCT574ADTG bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2011 June, 2011 − Rev. 5 1 Publication Order Number: MC74VHCT574A/D MC74VHCT574A Octal D-Type Flip-Flop with 3-State Output The MC74VHCT574A is an advanced high speed CMOS octal flip−flop with 3−state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. This 8−bit D−type flip−flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state. The VHCT inputs are compatible with TTL levels. This device can be used as a level converter for interfacing 3.3 V to 5.0 V, because it has full 5.0 V CMOS level output swings. The VHCT574A input and output (when disabled) structures provide protection when voltages between 0 V and 5.5 V are applied, regardless of the supply voltage. These input and output structures help prevent device destruction caused by supply voltage−input/output voltage mismatch, battery backup, hot insertion, etc. Features • High Speed: fmax = 140 MHz (Typ) at VCC = 5.0 V • Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C • TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2.0 V • Power Down Protection Provided on Inputs and Outputs • Balanced Propagation Delays • Designed for 4.5 V to 5.5 V Operating Range • Low Noise: VOLP = 1.6 V (Max) • Pin and Function Compatible with Other Standard Logic Families • Latchup Performance Exceeds 300 mA • ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V • Chip Complexity: 286 FETs or 71.5 Equivalent Gates • These Devices are Pb−Free and are RoHS Compliant http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION MARKING DIAGRAMS 20 1 TSSOP−20 SUFFIX DT CASE 948E SOIC−20WB SUFFIX DW CASE 751D VHCT 574A ALYWG G 1 1 20 1 VHCT574A AWLYYWWG A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb−Free Package (Note: Microdot may be in either location) OE CP Q L L L H L, H, X H L No Change Z INPUTS OUTPUT FUNCTION TABLE D H L X X |
Số phần tương tự - MC74VHCT574ADTG |
|
Mô tả tương tự - MC74VHCT574ADTG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |