công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHCT574ADWRG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74VHCT574ADWRG
Giải thích chi tiết về linh kiện  Octal D-Type Flip-Flop with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT574ADWRG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74VHCT574ADWRG Datasheet HTML 1Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 2Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 3Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 4Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 5Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 6Page - ON Semiconductor MC74VHCT574ADWRG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHCT574A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
VIH
Minimum High−Level Input Voltage
4.5 to 5.5
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
4.5 to 5.5
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
IOH = − 50mA
4.5
4.4
4.5
4.4
V
IOH = − 8mA
4.5
3.94
3.80
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
IOL = 50mA
4.5
0.0
0.1
0.1
V
IOL = 8mA
4.5
0.36
0.44
Iin
Maximum Input Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
mA
IOZ
Maximum 3−State Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.25
± 2.5
mA
ICC
Maximum Quiescent Supply Current
Vin = VCC or GND
5.5
4.0
40.0
mA
ICCT
Quiescent Supply Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage Current
VOUT = 5.5V
0
0.5
5.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
90
85
140
130
80
95
MHz
tPLH,
tPHL
Maximum Propagation Delay, CP to Q
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
4.1
5.6
9.4
10.4
1.0
1.0
10.5
11.5
ns
tPZL,
tPZH
Output Enable Time,
OE to Q
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kW
CL = 50pF
6.5
7.3
10.2
11.2
1.0
1.0
11.5
12.5
ns
tPLZ,
tPHZ
Output Disable Time,
OE to Q
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kW
7.0
11.2
1.0
12.0
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum Three−State Output Capa-
citance, Output in High−Impedance
State
9
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25°C, VCC = 5.0V
pF
25
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
1.2
1.6
V
VOLV
Quiet Output Minimum Dynamic VOL
−1.2
−1.6
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Số phần tương tự - MC74VHCT574ADWRG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHCT574ADWRG ONSEMI-MC74VHCT574ADWRG Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
More results

Mô tả tương tự - MC74VHCT574ADWRG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com