công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT4052ADR2G bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74HCT4052ADR2G
Giải thích chi tiết về linh kiện  Analog Multiplexers / Demultiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT4052ADR2G bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74HCT4052ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HCT4052ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC74HCT4051A, MC74HCT4052A, MC74HCT4053A
http://onsemi.com
4
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.0
2.0
6.0
12.0
V
VEE
Negative DC Supply Voltage, Output (Referenced to
GND)
−6.0
GND
V
VIS
Analog Input Voltage
VEE
VCC
V
Vin
Digital Input Voltage (Referenced to GND)
GND
VCC
V
VIO*
Static or Dynamic Voltage Across Switch
1.2
V
TA
Operating Temperature Range, All Package Types
−55
+125
°C
tr, tf
Input Rise/Fall Time
VCC = 2.0 V
(Channel Select or Enable Inputs)
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
0
1000
600
500
400
ns
*For voltage drops across switch greater than 1.2 V (switch on), excessive VCC current may be
drawn; i.e., the current out of the switch may contain both VCC and switch input components. The
reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND) VEE = GND, Except Where Noted
Symbol
Parameter
Condition
VCC
V
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
VIH
Minimum High−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
4.5 to
5.5
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage,
Channel−Select or Enable Inputs
Ron = Per Spec
4.5 to
5.5
0.8
0.8
0.8
V
Iin
Maximum Input Leakage Current,
Channel−Select or Enable Inputs
Vin = VCC or GND,
VEE = − 6.0 V
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND;
VEE = GND
VIO = 0 V
VEE = − 6.0
6.0
6.0
1
4
10
40
20
80
mA
DC CHARACTERISTICS − Analog Section
Symbol
Parameter
Condition
VCC
VEE
Guaranteed Limit
Unit
−55 to 25°C
≤85°C
≤125°C
Ron
Maximum “ON” Resistance
Vin = VIL or VIH; VIS = VCC to
VEE; IS ≤ 2.0 mA
(Figures 7, 8)
4.5
4.5
6.0
0.0
−4.5
−6.0
190
120
100
240
150
125
280
170
140
W
Vin = VIL or VIH; VIS = VCC or
VEE (Endpoints); IS ≤ 2.0 mA
(Figures 7, 8)
4.5
4.5
6.0
0.0
−4.5
−6.0
150
100
80
190
125
100
230
140
115
DRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH;
VIS = 1/2 (VCC − VEE);
IS ≤ 2.0 mA
4.5
4.5
6.0
0.0
−4.5
−6.0
30
12
10
35
15
12
40
18
14
W
Ioff
Maximum Off−Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 9)
5.0
−5.0
0.1
0.5
1.0
mA
Maximum Off−Channel HCT4051A
Leakage Current,
HCT4052A
Common Channel
HCT4053A
Vin = VIL or VIH;
VIO = VCC − VEE;
Switch Off (Figure 10)
5.0
5.0
5.0
−5.0
−5.0
−5.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
Ion
Maximum On−Channel HCT4051A
Leakage Current,
HCT4052A
Channel−to−Channel
HCT4053A
Vin = VIL or VIH;
Switch−to−Switch =
VCC − VEE; (Figure 11)
5.0
5.0
5.0
−5.0
−5.0
−5.0
0.2
0.1
0.1
2.0
1.0
1.0
4.0
2.0
2.0
mA


Số phần tương tự - MC74HCT4052ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT4052ADR2G ONSEMI-MC74HCT4052ADR2G Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Mô tả tương tự - MC74HCT4052ADR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4851A ONSEMI-MC74HCT4851A_16 Datasheet
139Kb / 14P
   Analog Multiplexers/ Demultiplexers
August, 2016 ??Rev. 8
MC74HC4051A ONSEMI-MC74HC4051A_16 Datasheet
180Kb / 17P
   Analog Multiplexers/ Demultiplexers
March, 2016 ??Rev. 8
logo
Motorola, Inc
MC54HC4051A MOTOROLA-MC54HC4051A Datasheet
188Kb / 15P
   ANALOG MULTIPLEXERS/ DEMULTIPLEXERS
logo
ON Semiconductor
MC74HC4053ADTR2G ONSEMI-MC74HC4053ADTR2G Datasheet
222Kb / 17P
   Analog Multiplexers Demultiplexers
February, 2013 ??Rev. 6
MC74VHC4051 ONSEMI-MC74VHC4051 Datasheet
341Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4051B STMICROELECTRONICS-HCC4051B Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com