công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC14DTR2G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC74VHC14DTR2G
Giải thích chi tiết về linh kiện  Hex Schmitt Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC14DTR2G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC74VHC14DTR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC14DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC74VHC14
http://onsemi.com
2
Y1
A1
A2
A3
A4
A5
A6
Y2
Y3
Y4
Y5
Y6
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
Figure 2. Logic Diagram
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VIN
Digital Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to VCC +0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
$20
mA
IOUT
DC Output Current, per Pin
$25
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
PD
Power Dissipation in Still Air
SOIC
TSSOP
200
180
mW
TSTG
Storage Temperature Range
−65 to +150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
>2000
>200
N/A
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
$300
mA
qJA
Thermal Resistance, Junction−to−Ambient
SOIC
TSSOP
143
164
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
VCC
V
TA
Operating Temperature Range, All Package Types
−55
125
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V + 0.3 V
VCC = 5.0 V + 0.5 V
No limit
No limit
ns/V


Số phần tương tự - MC74VHC14DTR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC14DTR2G ONSEMI-MC74VHC14DTR2G Datasheet
83Kb / 7P
   Hex Schmitt Inverter
February, 2006 ??Rev. 9
More results

Mô tả tương tự - MC74VHC14DTR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com