công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM311BD bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện LM311BD
Giải thích chi tiết về linh kiện  Voltage comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM311BD bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  LM311BD Datasheet HTML 1Page - NXP Semiconductors LM311BD Datasheet HTML 2Page - NXP Semiconductors LM311BD Datasheet HTML 3Page - NXP Semiconductors LM311BD Datasheet HTML 4Page - NXP Semiconductors LM311BD Datasheet HTML 5Page - NXP Semiconductors LM311BD Datasheet HTML 6Page - NXP Semiconductors LM311BD Datasheet HTML 7Page - NXP Semiconductors LM311BD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product data
AU211/LM111/211/311/311B
Voltage comparator
2003 Sep 30
4
DC ELECTRICAL CHARACTERISTICS1, 2, 3, 6
Over temperature range unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
AU211
LM111/LM211
LM311
LM311B
UNIT
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOS
Input offset voltage3
Tamb = 25 °C;
RS ≤ 50 kΩ
0.7
3.0
2.0
7.5
2.0
7.5
mV
IOS
Input offset current3
Tamb = 25 °C
4.0
10
6.0
50
6
25
nA
IBIAS
Input bias current
Tamb = 25 °C
60
100
100
250
100
200
nA
AV
Voltage gain
Tamb = 25 °C
200
200
200
V/mV
Response time4
Tamb = 25 °C
200
200
500
ns
VSAT
Saturation voltage
LM111/211 VIN ≤ –5mV;
IOUT = 50 mA
LM311/B VIN ≤ –10 mV;
IOUT = 50 mA
Tamb = 25 °C
0.75
1.5
0.75
1.5
0.75
1.5
V
IBAL/STR
Strobe on current
Tamb = 25 °C
3.0
3.0
3.0
mA
ILEAKAGE
Output leakage current6
LM111/211 VIN ≥ 5 mV;
VOUT = 35 V
LM311/B VIN ≥ 10 mV;
VOUT = 35 V
Tamb = 25 °C,
ISTROBE = 3 mA
(V– = VGND = –5 V)
0.2
10
0.2
50
0.2
50
nA
VOS
Input offset voltage3
RS ≤ 50 kΩ
4.0
10
10
mV
IOS
Input offset current3
20
70
50
nA
IBIAS
Input bias current
150
300
250
nA
VIN
Input voltage range
V =
±15 V (Pin 7 may
go to 5 V)
–14.5
13.8
to
–14.7
13.0
–14.5
13.8
to
–14.7
13.0
V–
+0.5
V+
–1.5
V
VOL
Saturation voltage6
V+
≥ 4.5 V, V– = 0 V
LM111/211 VIN ≤ –6 mV;
ISINK ≤ 8 mA
LM311/B VIN ≤ –10 mV;
ISINK ≤ 8 mA
0.23
0.4
0.23
0.4
0.23
0.4
V
IOH
Output leakage current
VIN ≥ 5 mV;
VOUT = 35 V
0.1
0.5
µA
ICC
Positive supply current
Tamb = 25 °C
5.1
6.0
5.1
7.5
1.6
3.5
mA
IEE
Negative supply voltage
Tamb = 25 °C
4.1
5.0
4.1
5.0
mA
NOTES:
1. This rating applies for
±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30 V below the positive supply, whichever is less.
2. These specifications apply for VS = ±15 V and 0 °C < Tamb < 70 °C unless otherwise specified. With the LM211, however, all temperature
specifications are limited to –25
°C ≤ Tamb ≤ +85 °C, for the AU211 is limited to –40 °C < Tamb < +125 °C, and for the LM111 is limited to
–55
°C < Tamb < +125 °C. The offset voltage, offset current, and bias current specifications apply for any supply voltage from a single 5 V
supply up to
±15 V supplies.
3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with 1 mA
load. Thus, these parameters define an error band and take into account the worst case effects of voltage gain and input impedance.
4. The response time specified is for a 100 mV input step with 5 mV over-drive.
5. Do not short the strobe pin to ground; it should be current driven at 3 mA to 5 mA.
6. LM311B, all parameters are at V+ = 3 V
±10%; V– = GND = 0 V.


Số phần tương tự - LM311BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
LM311BD PHILIPS-LM311BD Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
More results

Mô tả tương tự - LM311BD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com