công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM211D bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
LM211D bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
3 / 8 page Philips Semiconductors Product data AU211/LM111/211/311/311B Voltage comparator 2003 Sep 30 3 EQUIVALENT SCHEMATIC BALANCE/ STROBE BALANCE R3 300 R1 1.3 k Ω R4 300 R2 1.3 k Ω Q8 R5 70 Q5 R6 1.2 k Ω R7 1.2 k Ω Q7 Q3 R8 750 Q10 R9 600 Q11 Q20 Q19 Q8 Q9 Q18 R10 4 k Ω Q13 Q12 Q14 OUTPUT V+ Q15 R11 130 R12 600 R13 4 Q18 V– Q17 R15 450 R15 400 R14 2 k Ω R17 60 Q22 R18 200 Q4 Q2 Q23 R19 250 Q2 D1 5 V D2 5 V Q1 INPUTS SL00063 Figure 2. Equivalent Schematic ABSOLUTE MAXIMUM RATINGS SYMBOL PARAMETER RATING UNIT VS Total supply voltage 36 V Output to negative supply voltage LM111/LM211 50 V LM311/LM311B 40 V Ground to negative supply voltage 30 V Differential input voltage ±30 V VIN Input voltage 1 ±15 V PD MAX Maximum power dissipation, Tamb = 25 °C (still-air) 2 N package 1190 mW D package 780 mW I Output short-circuit duration 10 sec Tamb Operating ambient temperature range AU211 –40 to +125 °C LM111 –55 to +125 °C LM211 –25 to +85 °C LM311/LM311B 0 to +70 °C Tstg Storage temperature range –65 to +150 °C Tsld Lead soldering temperature (10 sec max) 230 °C NOTES: 1. This rating applies for ±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 V below the positive supply, whichever is less. 2. Derate above 25 °C, at the following rates: N package at 9.5 mW/ °C D package at 6.2 m/W °C |
Số phần tương tự - LM211D |
|
Mô tả tương tự - LM211D |