công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1888JST-REEL bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD1888JST-REEL
Giải thích chi tiết về linh kiện  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1888JST-REEL bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD1888JST-REEL Datasheet HTML 1Page - Analog Devices AD1888JST-REEL Datasheet HTML 2Page - Analog Devices AD1888JST-REEL Datasheet HTML 3Page - Analog Devices AD1888JST-REEL Datasheet HTML 4Page - Analog Devices AD1888JST-REEL Datasheet HTML 5Page - Analog Devices AD1888JST-REEL Datasheet HTML 6Page - Analog Devices AD1888JST-REEL Datasheet HTML 7Page - Analog Devices AD1888JST-REEL Datasheet HTML 8Page - Analog Devices AD1888JST-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. 0
–4–
AD1888
Parameter
PR[K:I]
1
PR[6:0]
1
DVDD Typ
AVDD Typ
Unit
POWER-DOWN STATES
2
Fully Active
000
000 0000
53
70
mA
ADC
000
000 0001
44
66
mA
FRONT DAC
000
000 0010
46
61
mA
SURROUND DAC
010
000 0000
46
61
mA
CENTER/LFE DAC
101
000 0000
46
61
mA
ADC + ALL DACs
111
000 0011
12
33
mA
Mixer
000
000 0100
52
44
mA
ADC + Mixer
000
000 0101
45
39
mA
ALL DACs + Mixer
111
000 0110
31
14
mA
ADC + ALL DACs + Mixer
111
000 0111
12
8
mA
Standby
111
011 1111
0
0
mA
Headphone Standby
000
100 0000
52
65
mA
NOTES
1PR bits are controlled in Reg. 2Ah and 26h
2Values presented with V
REFOUT loaded.
Specifications subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Unit
RESET Active Low Pulse Width
tRST_LOW
1.0
µs
RESET Inactive to BIT_CLK Startup Delay
tRST2CLK
162.8
400,000
ns
SYNC Active High Pulse Width
tSYNC_HIGH
1.3
µs
SYNC Low Pulse Width
tSYNC_LOW
19.5
µs
SYNC Inactive to BIT_CLK Startup Delay
tSYNC2CLK
162.8
ns
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
1.0
ppm
BIT_CLK Period
tCLK_PERIOD
81.4
ns
BIT_CLK Output Jitter
1, 2
750
ps
BIT_CLK High Pulse Width
tCLK_HIGH
40
41.7
ns
BIT_CLK Low Pulse Width
tCLK_LOW
39.7
41.4
ns
SYNC Frequency
48.0
kHz
SYNC Period
tSYNC_PERIOD
20.8
µs
Setup to Falling Edge of BIT_CLK
tSETUP
4ns
Hold from Falling Edge of BIT_CLK
tHOLD
3ns
BIT_CLK Rise Time
tRISECLK
24
6
ns
BIT_CLK Fall Time
tFALLCLK
24
6
ns
SYNC Rise Time
tRISESYNC
24
6
ns
SYNC Fall Time
tFALLSYNC
24
6
ns
SDATA_IN Rise Time
tRISEDIN
24
6
ns
SDATA_IN Fall Time
tFALLDIN
24
6
ns
SDATA_OUT Rise Time
tRISEDOUT
24
6
ns
SDATA_OUT Fall Time
tFALLDOUT
24
6
ns
End of Slot 2 to BIT_CLK, SDATA_IN Low
tS2_PDOWN
0
1.0
µs
Setup to RESET Inactive (SYNC, SDATA_OUT)
tSETUP2RST
15
ns
Rising Edge of RESET to Hi-Z Delay
tOFF
25
ns
Propagation Delay
15
ns
RESET Rise Time
50
ns
Output Valid Delay from BIT_CLK Rising
15
ns
NOTES
1Guaranteed but not tested.
2Output jitter directly dependent on crystal input jitter.
Specifications subject to change without notice.
TIMING PARAMETERS (Guaranteed over Operating Temperature Range)
Parameter
Min
Typ
Max
Unit
CLOCK SPECIFICATIONS
*
Input Clock Frequency (XTAL Mode or Clock Oscillator)
24.576
MHz
Input Clock Frequency (Reference Clock Mode)
14.31818
MHz
Input Clock Frequency (USB Clock Mode)
48.000
MHz
Recommended Clock Duty Cycle
40
50
60
%
*Guaranteed but not tested.
Specifications subject to change without notice.


Số phần tương tự - AD1888JST-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888JST-REEL AD-AD1888JST-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Mô tả tương tự - AD1888JST-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com