công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1888JST bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD1888JST
Giải thích chi tiết về linh kiện  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1888JST bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD1888JST Datasheet HTML 1Page - Analog Devices AD1888JST Datasheet HTML 2Page - Analog Devices AD1888JST Datasheet HTML 3Page - Analog Devices AD1888JST Datasheet HTML 4Page - Analog Devices AD1888JST Datasheet HTML 5Page - Analog Devices AD1888JST Datasheet HTML 6Page - Analog Devices AD1888JST Datasheet HTML 7Page - Analog Devices AD1888JST Datasheet HTML 8Page - Analog Devices AD1888JST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
REV. 0
AD1888
–3–
Parameter
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
Resolution
16
Bits
Total Harmonic Distortion (THD) AVDD = 5.0 V
–78
dB
Dynamic Range (–60 dB Input THD + N Referenced to FS, A-Weighted)
AVDD = 5.0 V
80
dB
Signal-to-Intermodulation Distortion
* (CCIF Method)
84
dB
ADC Crosstalk
*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–85
dB
LINE_IN to Other
–85
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
ADC Offset Error
* (0 dB Gain, HPF On)
±10
mV
DIGITAL-TO-ANALOG CONVERTERS
Resolution
20
Bits
Total Harmonic Distortion (THD), LINE_OUT, AVDD = 5.0 V
–80
dB
Total Harmonic Distortion (THD), HP_OUT, AVDD = 5.0 V
–70
dB
Total Harmonic Distortion (THD), CENTER/LFE, AVDD = 5.0 V
–80
dB
Dynamic Range (–60 dB Input THD + N Referenced to FS A-Weighted)
AVDD = 5.0 V, All Outputs
90
dB
Signal-to-Intermodulation Distortion
* (CCIF Method)
88
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.7
dB
DAC Crosstalk (Input L, Zero R, Read LINE_OUT_R; Input R,
–80
dB
Zero L, Read LINE_OUT_L, 10 k
Ω Load)*
Total Audible Out-of-Band Energy
* (Measured from 0.6
fS to 20 kHz)
–40
dB
ANALOG OUTPUT
Full-Scale Output Voltage; LINE_OUT/MONO_OUT, CENTER_OUT,
LFE_OUT
1V rms
2.83
V p-p
Output Impedance
*
300
External Load Impedance
* (LINE_OUT, CENTER_OUT/LFE_OUT,
MONO_OUT)
10
k
Output Capacitance
*
15
pF
External Load Capacitance
*
100
pF
Full-Scale Output Voltage; HP_OUT (0 dB Gain)
1
V rms
External Load Impedance
*; HP_OUT
32
VREF
2.05
2.25
2.45
V
VREF_OUT (VREFH = 0)
2.25
V
VREF_OUT (VREFH = 1)
3.65
V
VREF_OUT Current Drive
5mA
Mute Click (Muted Output Minus Unmuted Midscale DAC Output)
±5mV
STATIC DIGITAL SPECIFICATIONS
High Level Input Voltage (VIH): Digital Inputs
0.65
DVDD
V
Low Level Input Voltage (VIL)
0.35
DVDD
V
High Level Output Voltage (VOH), IOH = 2 mA
0.9
DVDD
V
Low Level Output Voltage (VOL), IOL = 2 mA
0.1
DVDD
V
Input Leakage Current
–10
+10
µA
Output Leakage Current
–10
+10
µA
POWER SUPPLY
Power Supply Range, Analog (AVDD)4.75
5.25
V
Power Supply Range, Digital (DVDD)3.15
3.45
V
Power Dissipation 5 V/3.3 V
563
mW
Analog Supply Current 5 V (AVDD)70
mA
Digital Supply Current 3.3 V (DVDD)53
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
*
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
–40
dB
*Guaranteed but not tested.
Specifications subject to change without notice.


Số phần tương tự - AD1888JST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888JST AD-AD1888JST Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JST-REEL AD-AD1888JST-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JSTZ AD-AD1888JSTZ Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JSTZ-REEL AD-AD1888JSTZ-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Mô tả tương tự - AD1888JST

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com