công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1888 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD1888
Giải thích chi tiết về linh kiện  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1888 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD1888 Datasheet HTML 2Page - Analog Devices AD1888 Datasheet HTML 3Page - Analog Devices AD1888 Datasheet HTML 4Page - Analog Devices AD1888 Datasheet HTML 5Page - Analog Devices AD1888 Datasheet HTML 6Page - Analog Devices AD1888 Datasheet HTML 7Page - Analog Devices AD1888 Datasheet HTML 8Page - Analog Devices AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. 0
–6–
AD1888
ABSOLUTE MAXIMUM RATINGS
*
Parameter
Min
Max
Unit
Power Supplies
Digital (DVDD)
–0.3
+3.6
V
Analog (AVDD)
–0.3
+6.0
V
Input Current (Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.3
AVDD + 0.3
V
Digital Input Voltage (Signal Pins)
–0.3
DVDD + 0.3 V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ENVIRONMENTAL CONDITIONS
*
Ambient Temperature Rating
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
JA = Thermal Resistance (Junction-to-Ambient)
JC = Thermal Resistance (Junction-to-Case)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD1888 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Package
θ
JA
θ
JC
LQFP
50.1
°C/W
17.8
°C/W
LFCSP
50
°C/W
25.88
°C/W
*All measurements per EIA/JESD51 with 2S2P
test board per EIA/JESD51-7.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1888JST
0
°C to 70°C
48-Lead LQFP, Tray Version
ST-48
AD1888JST-REEL
0
°C to 70°C
48-Lead LQFP, Reel Version
ST-48
AD1888JSTZ
*
0
°C to 70°C
48-Lead LQFP, Tray Version
ST-48
AD1888JSTZ-REEL
*
0
°C to 70°C
48-Lead LQFP, Reel Version
ST-48
AD1888JCP
0
°C to 70°C
48-Lead LFCSP, Tray Version
CP-48
AD1888JCP-REEL
0
°C to 70°C
48-Lead LFCSP, Reel Version
CP-48
*Z = Lead Free


Số phần tương tự - AD1888

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888 AD-AD1888 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCP AD-AD1888JCP Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCP-REEL AD-AD1888JCP-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCPZ AD-AD1888JCPZ Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1888JCPZ-REEL AD-AD1888JCPZ-REEL Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Mô tả tương tự - AD1888

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com