công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BU323ZG bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
BU323ZG bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2012 May, 2012 − Rev. 16 1 Publication Order Number: BU323Z/D BU323Z NPN Silicon Power Darlington High Voltage Autoprotected The BU323Z is a planar, monolithic, high−voltage power Darlington with a built−in active zener clamping circuit. This device is specifically designed for unclamped, inductive applications such as Electronic Ignition, Switching Regulators and Motor Control, and exhibit the following main features: Features • Integrated High−Voltage Active Clamp • Tight Clamping Voltage Window (350 V to 450 V) Guaranteed Over the −40 °C to +125°C Temperature Range • Clamping Energy Capability 100% Tested in a Live Ignition Circuit • High DC Current Gain/Low Saturation Voltages Specified Over Full Temperature Range • Design Guarantees Operation in SOA at All Times • Offered in Plastic SOT−93/TO−218 Type or TO−220 Packages • Pb−Free Packages are Available* MAXIMUM RATINGS Rating Symbol Max Unit Collector−Emitter Sustaining Voltage VCEO 350 Vdc Collector−Emitter Voltage VEBO 6.0 Vdc Collector Current − Continuous − Peak IC ICM 10 20 Adc Base Current − Continuous − Peak IB IBM 3.0 6.0 Adc Total Power Dissipation @ TC = 25_C Derate above 25_C PD 150 1.0 W W/_C Operating and Storage Junction Temperature Range TJ, Tstg –65 to +175 _C THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 1.0 _C/W Maximum Lead Temperature for Soldering Purposes: 1/8″ from Case for 5 Seconds TL 260 _C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOT−93 CASE 340D STYLE 1 10 AMPERE DARLINGTON AUTOPROTECTED 360 − 450 VOLTS CLAMP, 150 WATTS http://onsemi.com 360 V CLAMP COLLECTOR 2,4 BASE 1 EMITTER 3 3 2 1 4 TO−247 CASE 340L STYLE 3 NOTE: Effective June 2012 this device will be available only in the TO−247 package. Reference FPCN# 16827. See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ORDERING INFORMATION |
Số phần tương tự - BU323ZG |
|
Mô tả tương tự - BU323ZG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |