công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM43603AQPWPRQ1 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
LM43603AQPWPRQ1 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 50 page 0 10 20 30 40 50 60 70 80 0 200 400 600 800 1000 Frequency (MHz) Evaluation Board EN 55022 Class B Limit EN 55022 Class A Limit C001 C001 SW VIN PGND CBOOT VCC BIAS SYNC RT ENABLE SS/TRK AGND FB LM43603Q VIN COUT CBOOT CIN CVCC VOUT CBIAS RFBT RFBB CFF L PGOOD Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM43603-Q1 SNVSA82A – APRIL 2015 – REVISED MAY 2015 LM43603-Q1 SIMPLE SWITCHER® 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter 1 Features 3 Description The LM43603-Q1 SIMPLE SWITCHER® regulator is 1 • LM43603-Q1 is an Automotive-Grade Product that an easy-to-use synchronous step-down DC-DC is AEC-Q100 Qualified (–40°C to +125°C converter capable of driving up to 3 A of load current Operating Junction Temperature) from an input voltage ranging from 3.5 V to 36 V (42 • 27 µA Quiescent Current in Regulation V abs max). The LM43603-Q1 provides exceptional efficiency, output accuracy, and dropout voltage in a • High Efficiency at Light Load (DCM and PFM) very small solution size. An extended family is • Meets EN55022/CISPR 22 EMI Standards available in 0.5 A ,1 A, and 2 A load current options • Integrated Synchronous Rectification in pin-to-pin compatible packages. Peak current • Adjustable Frequency Range: 200 kHz to 2.2 MHz mode control is employed to achieve simple control (500 kHz default) loop compensation and cycle-by-cycle current limiting. Optional features such as programmable • Frequency Synchronization to External Clock switching frequency, synchronization, power-good • Internal Compensation flag, precision enable, internal soft-start, extendable • Stable with Almost any Combination of Ceramic, soft-start, and tracking provide a flexible and easy to Polymer, Tantalum, and Aluminum Capacitors use platform for a wide range of applications. Discontinuous conduction and automatic frequency • Power-Good Flag modulation at light loads improve light load efficiency. • Soft-Start into a Pre-Biased Load The family requires few external components and pin • Internal Soft-Start: 4.1 ms arrangement allows simple, optimum PCB layout. Protection features include thermal shutdown, VCC • Extendable Soft-Start Time by External Capacitor undervoltage lockout, cycle-by-cycle current limit, and • Output Voltage Tracking Capability output short circuit protection. The LM43603-Q1 • Precision Enable to a Program System UVLO device is available in the HTSSOP / PWP 16-pin • Output Short Circuit Protection with Hiccup Mode leaded package (5.1 mm x 6.6 mm x 1.2 mm); the device is pin-to-pin compatible with LM43600, • Overtemperature Thermal Shutdown Protection LM43601, LM43602, LM46000, LM46001, and LM46002. 2 Applications • Sub-AM Band Automotive Device Information PART NUMBER PACKAGE BODY SIZE • Industrial Power Supplies LM43603-Q1 HTSSOP (16) 5.1 mm x 6.6 mm • Telecommunications Systems • General Purpose Wide VIN Regulation • High Efficiency Point-Of-Load Regulation 4 Simplified Schematic Radiated Emission Graph 12 VIN to 3.3 VOUT, FS = 500 kHz, IOUT = 3 A 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Số phần tương tự - LM43603AQPWPRQ1 |
|
Mô tả tương tự - LM43603AQPWPRQ1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |