công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM43603AQPWPRQ1 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM43603AQPWPRQ1
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43603AQPWPRQ1 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM43603AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments LM43603AQPWPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LM43603-Q1
SNVSA82A – APRIL 2015 – REVISED MAY 2015
www.ti.com
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE (FB PIN)
TJ = 25 ºC
1.012
1.015
1.019
VFB
Feedback voltage
V
TJ = -40 ºC to 125 ºC
0.999
1.015
1.032
ILKG-FB
Input leakage current at FB pin
FB = 1.015 V
0.2
65
nA
THERMAL SHUTDOWN
Shutdown threshold
160
ºC
TSD
(1)
Thermal shutdown
Recovery threshold
150
ºC
CURRENT LIMIT AND HICCUP
IHS-LIMIT
Peak inductor current limit
4.4
5.5
6.4
A
ILS-LIMIT
Inductor current valley limit
2.6
3
3.3
A
SOFT START (SS/TRK PIN)
ISSC
Soft-start charge current
1.25
2
2.75
µA
RSSD
Soft-start discharge resistance
UVLO, TSD, OCP, or EN = 0 V
18
k
Ω
POWER GOOD (PGOOD PIN)
Power-good flag over voltage tripping
VPGOOD-HIGH
% of FB voltage
110%
113%
threshold
Power-good flag under voltage
VPGOOD-LOW
% of FB voltage
77%
88%
tripping threshold
VPGOOD-HYS
Power-good flag recovery hysteresis
% of FB voltage
6%
VEN = 3.3 V
40
125
PGOOD pin pull down resistance
RPGOOD
Ω
when power bad
VEN = 0 V
60
150
MOSFETS (2)
IOUT = 1 A
RDS-ON-HS
High-side MOSFET ON-resistance
120
m
Ω
VBIAS = VOUT = 3.3 V
IOUT = 1 A
RDS-ON-LS
Low-side MOSFET ON-resistance
65
m
Ω
VBIAS = VOUT = 3.3 V
(1)
Ensured by design
(2)
Measured at pins
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
CURRENT LIMIT AND HICCUP
NOC
Hiccup wait cycles when LS current limit tripped
32
Cycles
TOC
Hiccup retry delay time
5.5
ms
SOFT START (SS/TRK PIN)
TSS
Internal soft-start time when SS pin open circuit
4.1
ms
POWER GOOD (PGOOD PIN)
TPGOOD-RISE Power-good flag rising transition deglitch delay
220
µs
TPGOOD-FALL Power-good flag falling transition deglitch delay
220
µs
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM43603-Q1


Số phần tương tự - LM43603AQPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603DSUR TI1-LM43603DSUR Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603DSUT TI1-LM43603DSUT Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM43603AQPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com