công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMAJ20A bảng dữ liệu(PDF) 1 Page - StarHope

tên linh kiện SMAJ20A
Giải thích chi tiết về linh kiện  Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPSEMI [StarHope]
Trang chủ  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMAJ20A bảng dữ liệu(HTML) 1 Page - StarHope

  SMAJ20A Datasheet HTML 1Page - StarHope SMAJ20A Datasheet HTML 2Page - StarHope SMAJ20A Datasheet HTML 3Page - StarHope SMAJ20A Datasheet HTML 4Page - StarHope SMAJ20A Datasheet HTML 5Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPSEMI
REV 2016 08 10
..
.
www.spsemi.cn
Page 1 of 5
Surface Mount Transient Voltage Suppressor
Stand-Off Voltage - 5.0 to 440 Volts
400 Watt Peak Pulse Power
Features
For surface mounted applications in order to optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Excellent clamping capability
Repetition Rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
for unidirectional types
Typical IR less than 1µA above 10V
High Temperature solderting: 260°C/10 seconds at terminals
Plastic package has Underwriters Laboratory Flammability 94V-O
Pb-free plated
SMAJ(400W) Series
Mechanical Data
Devices For Bipolar Application
For Bidirectional use C or CA Suffix for types SMAJ5.0 thru types SMAJ170 (e.g. SMAJ5.0C , SMAJ170CA)
Electrical characteristics apply in both directions
Maximum Ratings And Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on 5.0mm x 5.0mm (0.03mm thick) Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Peak Pulse Power Dissipation on 10/1000µs waveform
(Note 1,2 ,FIG.1)
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note2,3)
Operating junction and Storage Temperature Range
RATING
SYMBOL
VALUE
UNITS
PPPM
IPPM
IFSM
T, T
JSTG
Minimum
400
SEE
TABLE 1
-55 to
+150
20
Watts
Amps
Amps
Case: JEDEC DO-214AC. Molded plastic over glass passivated junction
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denoted positive end (cathode) except Bidirectional
12mm tape (EIA STD RS-481)
Standard Packaging:
0.002ounce,0.061gram
Weight:
AEC-Q101


Số phần tương tự - SMAJ20A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
SMAJ20A LEIDITECH-SMAJ20A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Littelfuse
SMAJ20A LITTELFUSE-SMAJ20A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ20A YANGJIE-SMAJ20A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ20A JGD-SMAJ20A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ20A CYSTEKEC-SMAJ20A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Mô tả tương tự - SMAJ20A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-TECB SPSEMI-TVS-TECB Datasheet
162Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com