công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS7005-CQT bảng dữ liệu(PDF) 2 Page - Gennum Corporation

tên linh kiện GS7005-CQT
Giải thích chi tiết về linh kiện  Complete Serial Digital Video Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7005-CQT bảng dữ liệu(HTML) 2 Page - Gennum Corporation

  GS7005-CQT Datasheet HTML 1Page - Gennum Corporation GS7005-CQT Datasheet HTML 2Page - Gennum Corporation GS7005-CQT Datasheet HTML 3Page - Gennum Corporation GS7005-CQT Datasheet HTML 4Page - Gennum Corporation GS7005-CQT Datasheet HTML 5Page - Gennum Corporation GS7005-CQT Datasheet HTML 6Page - Gennum Corporation GS7005-CQT Datasheet HTML 7Page - Gennum Corporation GS7005-CQT Datasheet HTML 8Page - Gennum Corporation GS7005-CQT Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
GENNUM CORPORATION
522 - 14 - 06
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
GND < VIN < VCC
DC Input Current (any one input)
10mA
Power Dissipation (VCC = 5.25V)
1W
Maximum Die Temperature
125°C
Operating Temperature Range
0°C <= TA <= 85°C
Storage Temperature Range
-65°C <= TS <= 150°C
Lead Temperature (soldering 10s)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, TA = 25°C, unless otherwise specified.
Serial data rate = 270Mb/s, Parallel Data Rate = 27Mb/s, ƒPCLK = 27MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST LEVEL
Positive Supply Voltage
VCC
Operating
range
4.75
5.00
5.25
V
6
Power Consumption
P
VCC = 5.25V
-
750
-
mW
5
Supply Current
ICC
VCC = 5.25V
-
140
-
mA
1
Logic Inputs - Low
VIL
VCC = 5.25V
-
-
0.8
V
6
Logic Inputs - High
VIH
VCC = 4.75V
2
-
-
V
6
Logic Outputs - Low
VOL
VCC = 5.25V
-
-
0.5
V
1
Logic Outputs - High
VOH
VCC = 4.75V
2.4
-
-
V
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.


Số phần tương tự - GS7005-CQT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CQT ETC-GS7000-CQT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
GS7000-CTT ETC-GS7000-CTT Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
SHOUDING Shouding Semic...
GS7001-84 SHOUDING-GS7001-84 Datasheet
1Mb / 10P
   High Accuracy Lin ear Li-Lo n Batte ry Cha rger
More results

Mô tả tương tự - GS7005-CQT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
   Serial Digital Video Transceiver
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
List of Unclassifed Man...
GS9020 ETC1-GS9020 Datasheet
269Kb / 30P
   Serial Digital Video Input Processor
logo
Gennum Corporation
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com