công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0.3PSI-D-HGRADE-MINI bảng dữ liệu(PDF) 1 Page - All Sensors Corporation

tên linh kiện 0.3PSI-D-HGRADE-MINI
Giải thích chi tiết về linh kiện  Miniature Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASC [All Sensors Corporation]
Trang chủ  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

0.3PSI-D-HGRADE-MINI bảng dữ liệu(HTML) 1 Page - All Sensors Corporation

  0.3PSI-D-HGRADE-MINI Datasheet HTML 1Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 2Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 3Page - All Sensors Corporation 0.3PSI-D-HGRADE-MINI Datasheet HTML 4Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All Sensors
DS-0107 Rev B
MKT
DATE
MFG
DATE
ENG
DATE
QA
DATE
Approvals
As Is
With Change
As Is
With Change
As Is
With Change
As Is
With Change
Marking:
right dot: gold: H-Grade
left dot:
L04: white
L10: yellow
0.3: pink
1.0: green
05: blue
15: purple
30: orange
100: brown
The Miniature series pressure sensors are based upon a proprietary technology to reduce the size of the sensor and
yet maintain a high level of performance. This model provides a calibrated millivolt output with superior output
offset characteristics. Output offset errors due to change in temperature, stability to warm-up, stability to long time
period, and position sensitivity are all significantly reduced when compared to conventional compensation meth-
ods. In addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a
very linear output to measured pressure.
These calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature
range. This series is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the
like. The H-GRADE is a high accuracy version of the millivolt output pressure sensors.
The output of the device is ratiometric to the supply voltage and operation from any D.C. supply voltage.
H-Grade
Pressure Sensors
• 0 to 4” H2O to 0 to 100 PSI Pressure Ranges
• 0.5 % linearity...high accuracy version
• Temperature Compensated
• Calibrated Zero and Span
Physical Dimensions
• Medical Instrumentation
• Environmental Controls
• HVAC
General Description
Applications
Features
Miniature Pressure Sensors
No Pressure Port
Single Pressure Port
Dual Pressure Port
Equivalent Circuit
Input Resittance
Output Resistance
5.0 k ohm
3.0 k ohm


Số phần tương tự - 0.3PSI-D-HGRADE-MINI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
All Sensors Corporation
0.3PSI-D-HGRADE-MINI ASC-0.3PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
0.3PSI-D-HGRADE-MINI ASC-0.3PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
0.3PSI-D-HGRADE-MINI ASC-0.3PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
More results

Mô tả tương tự - 0.3PSI-D-HGRADE-MINI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
All Sensors Corporation
PSI-GF-HGRADE-MINI ASC-PSI-GF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0107 ASC-DS-0107 Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0110 ASC-DS-0110 Datasheet
664Kb / 5P
   Miniature Pressure Sensors
5PSI-D-CGRADE-MINI ASC-5PSI-D-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
5PSI-G-CGRADE-MINI ASC-5PSI-G-CGRADE-MINI Datasheet
174Kb / 4P
   Miniature Pressure Sensors
15PSI-A-HGRADE-MINI ASC-15PSI-A-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
5PSI-D-HGRADE-MINI ASC-5PSI-D-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
15PSI-AF-HGRADE-MINI ASC-15PSI-AF-HGRADE-MINI Datasheet
138Kb / 4P
   Miniature Pressure Sensors
DS-0105 ASC-DS-0105 Datasheet
164Kb / 3P
   Miniature Basic Pressure Sensors
DS-0103 ASC-DS-0103 Datasheet
50Kb / 5P
   Miniature Amplified Pressure Sensors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com