công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1PSI-D-4V-ASCX bảng dữ liệu(PDF) 2 Page - All Sensors Corporation

tên linh kiện 1PSI-D-4V-ASCX
Giải thích chi tiết về linh kiện  ASCX Series Compatible Pressure Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASC [All Sensors Corporation]
Trang chủ  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

1PSI-D-4V-ASCX bảng dữ liệu(HTML) 2 Page - All Sensors Corporation

  1PSI-D-4V-ASCX Datasheet HTML 1Page - All Sensors Corporation 1PSI-D-4V-ASCX Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS-0023 Rev A
ASCX Series Compatible Rev A
Specification Notes
1) ALL PARAMETERS ARE MEASURED AT 5.0 VOLT EXCITATION, FOR THE NOMINAL FULL SCALE PRESSURE AND ROOM TEMPERATURE UNLESS OTHERWISE SPECIFIED.
PRESSURE MEASUREMENTS ARE WITH POSITIVE PRESSURE APPLIED TO PORT B. ABSOLUTE DEVICES ARE WITH PRESSURE APPLIED TO PORT A.
2) SHIFT IS RELATIVE TO 25°C.
4) MEASURED AT ONE-HALF FULL SCALE RATED PRESSURE USING BEST STRAIGHT LINE CURVE FIT FOR THE SPAN INDICATED.
5) THE VOLTAGE ADDED TO THE OFFSET VOLTAGE AT FULL SCALE PRESSURE. NOMINALLY THE OUTPUT VOLTAGE RANGE IS 0.25 TO 4.75 VOLTS FOR MINUS TO
PLUS FULL SCALE PRESSURE
.
6) PARAMETER IS COMPUTED AS MAXIMUM FOR DESIGN REFERENCE AND IS NOT TESTED.
7) MAXIMUM DIFERENCE IN OUTPUT AT ANY PRESSURE WITHIN THE OPERATING PRESSURE RANGE AND COMPENSATED TEMPERATURE RANGE AFTER: A) 1000
TEMPERATURE CYCLES AND
B) 1.0 MILLION PRESSURE CYCLES.
8) RESPONSE TIME FOR A ZERO TO FULL SCALE PRESSURE STEP CHANGE, 10% TO 90% RISE TIME.
Supply Voltage, Vs
+4.5 to +5.5 Vdc
Lead Soldering Temperature (2-4 sec.)
250 °C
Quiescent Current (6)
7.5 mA
Maximum Ratings
Compensated Temperature
0 to 70°C
Operating Temperature
-25 to 105°C
Storage Temperature
-55 to 125°C
Humidity Limits (non condensing)
0 to 95% RH
Environmental Specifications
Part Number
Operating Pressure
Proof Pressure
Burst Pressure
1 PSI-D-4V-ASCX
0 - 1 PSID
5 PSI
10 PSI
5 PSI-D-4V-ASCX
0 - 5 PSID
15 PSI
30 PSI
15 PSI-D-4V-ASCX
0 - 15 PSID
45 PSI
75 PSI
15 PSI-A-4V-ASCX
0 - 15 PSIA
45 PSI
75 PSI
30 PSI-D-4V-ASCX
0 - 30 PSID
100 PSI
150 PSI
30 PSI-A-4V-ASCX
0 - 30 PSIA
100 PSI
150 PSI
100 PSI-D-4V-ASCX
0 - 100 PSID
150 PSI
150 PSI
100 PSI-A-4V-ASCX
0 - 100 PSIA
150 PSI
150 PSI
Pressure Ranges
Parameter (1)
Minimum
Nominal
Maximum
Units
Output Span (5)
4.45
4.50
4.55
Volt
Span Shift (0 °C to 70 °C)
-
±0.2
±1.0
%Span
Offset Voltage @ zero pressure
0.20
0.25
0.30
Volt
Offset Shift (0 °C to 70 °C) (2)
-
±0.5
±1.0
%Span
Combined Linearity and Hysteresis Error (4)
-
±0.1
±0.5
%Span
Repeatability (7)
-
±0.2
±0.5
% Span
Response Time (8)
-
100
-
uSec
Performance Characteristics for 15/30/100 PSI-x-4V-ASCX
Parameter (1)
Minimum
Nominal
Maximum
Units
Output Span (5)
4.43
4.50
4.57
Volt
Span Shift (0 °C to 70 °C)
-
±0.2
±1.5
%Span
Offset Voltage @ zero pressure
0.18
0.25
0.32
Volt
Offset Shift (0 °C to 70 °C) (2)
-
±0.5
±1.5
%Span
Combined Linearity and Hysteresis Error (4)
-
±0.1
±0.5
%Span
Repeatability (7)
-
±0.2
±0.5
% Span
Response Time (8)
-
100
-
uSec
Performance Characteristics for 1/5 PSI-D-4V-ASCX


Số phần tương tự - 1PSI-D-4V-ASCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
All Sensors Corporation
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
More results

Mô tả tương tự - 1PSI-D-4V-ASCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
All Sensors Corporation
30PSI-D-4V-ASCX ASC-30PSI-D-4V-ASCX Datasheet
285Kb / 2P
   ASCX Series Compatible Pressure Sensors
30PSI-A-4V-ASCX ASC-30PSI-A-4V-ASCX Datasheet
285Kb / 2P
   ASCX Series Compatible Pressure Sensors
DS-0023 ASC-DS-0023 Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
15PSI-A-4V-ASCX ASC-15PSI-A-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
100PSI-A-4V-ASCX ASC-100PSI-A-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
1PSI-D-4V-ASCX ASC-1PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
15PSI-D-4V-ASCX ASC-15PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
100PSI-D-4V-ASCX ASC-100PSI-D-4V-ASCX Datasheet
285Kb / 2P
   COMPATIBLE TO SENSYM ASCX SERIES
logo
EPCOS
AK2 EPCOS-AK2 Datasheet
138Kb / 7P
   Pressure sensors AK2 series
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com