công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74122E3 bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
74122E3 bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
2 / 7 page 096 PLL-4TSI www.vishay.com Vishay BCcomponents Revision: 14-Oct-16 2 Document Number: 28392 For technical questions, contact: aluminumcaps2@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS in millimeters AND AVAILABLE FORMS PRINTED WIRING Fig. 2 - Printed wiring pin version (Case Ø D = 35 mm) Fig. 3 - Mounting hole diagram viewed from component side (Case Ø D = 35 mm) Fig. 4 - Printed wiring pin version (Case Ø D = 40 mm) Fig. 5 - Mounting hole diagram viewed from component side (Case Ø D = 40 mm) FOUR TERMINAL SNAP-IN Fig. 6 - 4-Terminal snap-in Fig. 7 - Mounting hole diagram Pin number 1 is the positive terminal. Pin “-” is the negative terminal. Pin numbers 2, 3 and 4 (if present) should be free from the electrical circuit or connected to the minus terminal. CCA976-1 L Ø D + 1 max. L + 5 max. 4.9 ± 0.2 1.3 (4 x) 7.5 ± 0.1 2.5 1 2 3 - 15 ± 0.1 17.5 ± 0.1 L Ø D + 1 max. L + 5 max. 5.1 ± 0.1 20 ± 0.1 1.3 (5 x) 10 ± 0.1 17.5 ± 0.1 2.5 20 ± 0.1 1 2 3 4 - 22.5 Ø D Bottom view L max. 6.3 ± 1 60° 60° dummy dummy C B A 2 ± 0.1 (4 x) 22.5 ± 0.1 60° 60° Dummy terminals (A and C) must be free from the electrical circuit |
Số phần tương tự - 74122E3 |
|
Mô tả tương tự - 74122E3 |