công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS1200 bảng dữ liệu(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

tên linh kiện SS1200
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BILIN [Galaxy Semi-Conductor Holdings Limited]
Trang chủ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS1200 bảng dữ liệu(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS1200 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS1200 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SS1200 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
SS1150-- SS1200
Document Number: SMA406AA
www.gmicroelec.com
1
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop, low switching losses
High surge capacity
For use in low voltage, high frequency inverters free
wheeling, and polarity protection applications
MECHANICAL DATA
Case: SMA molded plastic body
Terminals: Axial lead , solderable per MIL-STD750, Method 2026
Polarity: As marked
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS1150
SS1200
UNITS
Device marking code
SS1150
SS1200
Maximum repetitive peak reverse voltage
VRRM
150
200
V
Maximum RMS voltage
VRWS
135
140
V
Maximum DC blocking voltage
VDC
150
200
V
Maximum average forward rectified current
at TL=110℃
IF(AV)
1.0
A
Peak forward surge current
8.3ms single half-sine-wave
IFSM
35
A
Thermal Characteristics
Characteristic
Symbol
SS1150
SS1200
UNITS
Typical thermal resistance (NOTE 1)
RΘJA
RΘJL
88
28
℃/W
Typical junction capacitance (NOTE 2)
CJ
90
pF
Operating temperature range
TJ
-55 --- +150
Storage temperature range
TSTG
-55 --- +150
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
SS1150
SS1200
UNITS
Maximum instantaneous forward voltage
at IFM=1.0A
VF
0.95
V
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=100℃
IR
0.1
10
m A
Note:1、P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
2、1.Measured at 1MHz and applied reverse voltage of 4.0V D.C
Pb
Lead-free


Số phần tương tự - SS1200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
309Kb / 1P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SS1200 CHENDA-SS1200 Datasheet
536Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS1200 JUXING-SS1200 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Zibo Seno Electronic En...
SS1200 ZSELEC-SS1200 Datasheet
96Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SS1200 BILIN-SS1200 Datasheet
488Kb / 4P
   Schottky Barrier Rectifiers
More results

Mô tả tương tự - SS1200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com