công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS114S06 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS114S06
Giải thích chi tiết về linh kiện  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS114S06 Datasheet HTML 1Page - Texas Instruments ADS114S06 Datasheet HTML 2Page - Texas Instruments ADS114S06 Datasheet HTML 3Page - Texas Instruments ADS114S06 Datasheet HTML 4Page - Texas Instruments ADS114S06 Datasheet HTML 5Page - Texas Instruments ADS114S06 Datasheet HTML 6Page - Texas Instruments ADS114S06 Datasheet HTML 7Page - Texas Instruments ADS114S06 Datasheet HTML 8Page - Texas Instruments ADS114S06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
1
AINCOM
24
REFCOM
2
AIN5
23
REFOUT
3
AIN4
22
GPIO0/AIN8
4
AIN3
21
GPIO1/AIN9
5
AIN2
20
GPIO2/AIN10
6
AIN1
19
GPIO3/AIN11
7
AIN0
18
RESET
8
START/SYNC
17
CLK
Not to scale
Thermal
Pad
1
AINCOM
24
REFCOM
2
AIN5
23
REFOUT
3
AIN4
22
GPIO0/AIN8
4
AIN3
21
GPIO1/AIN9
5
AIN2
20
GPIO2/AIN10
6
AIN1
19
GPIO3/AIN11
7
AIN0
18
RESET
8
START/SYNC
17
CLK
Not to scale
3
ADS114S06, ADS114S08
www.ti.com
SBAS815 – FEBRUARY 2017
Product Folder Links: ADS114S06 ADS114S08
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
RESOLUTION (Bits)
NUMBER OF INPUTS
ADS124S08
24
12 analog inputs
ADS124S06
24
6 analog inputs
ADS114S08
16
12 analog inputs
ADS114S06
16
6 analog inputs
6 Pin Configuration and Functions
RHB Package
32-Pin VQFN
Top View
PBS Package
32-Pin TQFP
Top View
NOTE: The analog input functions (AIN6 - AIN11) are not available on pins 19 to 22, 31, and 32 for the ADS114S06.


Số phần tương tự - ADS114S06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBS TI1-ADS114S06BIPBS Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIPBSR TI1-ADS114S06BIPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBR TI1-ADS114S06BIRHBR Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
ADS114S06BIRHBT TI1-ADS114S06BIRHBT Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
More results

Mô tả tương tự - ADS114S06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com