công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KM29W040AT bảng dữ liệu(PDF) 6 Page - Samsung semiconductor

tên linh kiện KM29W040AT
Giải thích chi tiết về linh kiện  512K x 8 bit NAND Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM29W040AT bảng dữ liệu(HTML) 6 Page - Samsung semiconductor

Back Button KM29W040AT Datasheet HTML 2Page - Samsung semiconductor KM29W040AT Datasheet HTML 3Page - Samsung semiconductor KM29W040AT Datasheet HTML 4Page - Samsung semiconductor KM29W040AT Datasheet HTML 5Page - Samsung semiconductor KM29W040AT Datasheet HTML 6Page - Samsung semiconductor KM29W040AT Datasheet HTML 7Page - Samsung semiconductor KM29W040AT Datasheet HTML 8Page - Samsung semiconductor KM29W040AT Datasheet HTML 9Page - Samsung semiconductor KM29W040AT Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
KM29W040AT, KM29W040AIT
FLASH MEMORY
6
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
Vcc = 3.0V ~ 3.6V
Vcc = 3.6V ~ 5.5V
Unit
Min
Typ
Max
Min
Typ
Max
Oper-
ating
Current
Burst Read Cycle
ICC1
tcycle=120ns,CE=VIL, IOUT=0mA
-
5
10
-
10
20
mA
Program
ICC2
-
-
5
10
-
10
20
Erase
ICC3
-
-
5
10
-
10
20
Stand-by Current(TTL)
ISB1
CE=VIH, WP=0V/VCC
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2, WP=0V/VCC
-
10
50
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to 5.5V
-
-
±10
-
-
±10
Output Leakage Current
ILO
VOUT=0 to 5.5V
-
-
±10
-
-
±10
Input High Voltage, All
inputs
VIH
-
2.4
-
VCC+
0.3
2.4
-
VCC+
0.5
V
Input Low Voltage, All inputs
VIL
-
-0.3
-
0.6
-0.3
-
0.8
Output High Voltage Level
VOH
IOH=-400
µA
2.4
-
-
2.4
-
-
Output Low Voltage Level
VOL
IOL=2.1mA
-
-
0.4
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
VOL=0.4V
8
10
-
8
10
-
mA
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.3V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <20ns.
Maximum DC voltage on input/output pins is VCC+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN
-0.6 to +7.0
V
Temperature Under Bias
KM29W040AT
TBIAS
-10 to +125
°C
KM29W040AIT
-40 to +125
Storage Temperature
TSTG
-65 to +150
°C
Short Circuit Output Current
IOS
5
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, KM29W040AT
:TA=0 to 70
°C, KM29W040AIT:TA=-40 to 85°C)
Parameter
Symbol
Min
Typ.
Max
Unit
Supply Voltage
VCC
3.0
-
5.5
V
Supply Voltage
VSS
0
0
0
V


Số phần tương tự - KM29W040AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
KM29U128IT SAMSUNG-KM29U128IT Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U64000IT SAMSUNG-KM29U64000IT Datasheet
481Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29U64000T SAMSUNG-KM29U64000T Datasheet
481Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29V040IT SAMSUNG-KM29V040IT Datasheet
723Kb / 21P
   FLASH MEMORY
More results

Mô tả tương tự - KM29W040AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
K9F4008W0A- SAMSUNG-K9F4008W0A- Datasheet
318Kb / 24P
   512K x 8 bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F1608W0A- SAMSUNG-K9F1608W0A- Datasheet
443Kb / 25P
   2M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com