công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-LGA675A-01 bảng dữ liệu(PDF) 5 Page - Ironwood Electronics.

tên linh kiện SS-LGA675A-01
Giải thích chi tiết về linh kiện  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-LGA675A-01 bảng dữ liệu(HTML) 5 Page - Ironwood Electronics.

  SS-LGA675A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-LGA675A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-LGA675A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-LGA675A-01 Datasheet HTML 4Page - Ironwood Electronics. SS-LGA675A-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.70±0.10 (x8)
1.414 (x4)
16.50 (x4)
38
16.50 (x4)
8
23.737 (x4)
R0.80 (x16)
1.60
6.35
DETAIL C
SCALE 6 : 1
Probe Specification:
Minimum pitch: 0.020" (0.5mm)
Signal path length: 0.093" (2.37mm)
Force per contact: 27g (0.96oz.)
at operating position.
Device compliance: 0.006" (0.15mm)
DUT Board Compliance: 0.006" (0.15mm)
Operating Temp.: -55C to +150C
Insertions: >500,000
Electrical Specifications:
Impedance: 50
Current Carrying: 5 amps continuous.
Typical Resistance: <50 m
Inductance: 1.1nH
Materials:
Plungers: Full-hard beryllium copper, gold plated
Barrel: Phosphor bronze, gold plated
Spring: Stainless steel, gold plated
POGO PIN PROPERTIES:
Rev
Date
Initials Description
A
3/19/15
ELS Original
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Backing Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 7/27/2015
Material: Material <not specified>
Finish:
Weight: 141.55
SS-LGA675A-01 Drawing
SCALE: 2:1
SHEET: 5 OF 5
ENG: E. Smolentseva
FILE: SS-LGA675A-01 Dwg
DRAWN BY: M. Raske


Số phần tương tự - SS-LGA675A-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SS-LGA324A-M-01 IRONWOOD-SS-LGA324A-M-01 Datasheet
128Kb / 3P
   Compression plate distributes evenly
SS-LGA376A-01 IRONWOOD-SS-LGA376A-01 Datasheet
200Kb / 5P
   Compression plate distributes evenly
More results

Mô tả tương tự - SS-LGA675A-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com