công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MDATA2 bảng dữ liệu(PDF) 3 Page - Fujitsu Component Limited.

tên linh kiện MDATA2
Giải thích chi tiết về linh kiện  FM3 MB9B100 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [Fujitsu Component Limited.]
Trang chủ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MDATA2 bảng dữ liệu(HTML) 3 Page - Fujitsu Component Limited.

  MDATA2 Datasheet HTML 1Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 2Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 3Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 4Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 5Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 6Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 7Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 8Page - Fujitsu Component Limited. MDATA2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MB9B100 Series
[LIN]
LIN protocol Rev.2.1 supported
Full-duplex double buffer
Master/Slave mode supported
LIN break field generate (can be changed 13-16bit length)
LIN break delimiter generate (can be changed 1-4bit length)
Various error detect functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard mode (Max.100kbps) / High-speed mode (Max.400Kbps) supported
DMA Controller (8channels)
DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously.
8 independently configured and operated channels
Transfer can be started by software or request from the built-in peripherals
Transfer address area: 32bit(4Gbyte)
Transfer mode: Block transfer/Burst transfer/Demand transfer
Transfer data type: byte/half-word/word
Transfer block count: 1 to 16
Number of transfers: 1 to 65536
A/D Converter (Max. 16channels)
[12-bit A/D Converter]
Successive Approximation Register type
Built-in 3unit
Conversion time: 1.0μs@5V
Priority conversion available (priority at 2levels)
Scanning conversion mode
Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion:
4steps)
Base Timer (Max. 8channels)
Operation mode is selectable from the followings for each channel.
16-bit PWM timer
16-bit PPG timer
16/32-bit reload timer
16/32-bit PWC timer
General Purpose I/O Port
MB9B100 series can use its pins as I/O ports when they are not used for external bus or peripherals.
Moreover, the port relocate function is built in. It can set which I/O port the peripheral function can be
allocated.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 100 fast I/O Ports@120pin Package
3
FUJITSU SEMICONDUCTOR CONFIDENTIAL
r2.1
DS706-00007-1v0-E


Số phần tương tự - MDATA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
M-System Co.,Ltd.
MDATL MSYSTEM-MDATL Datasheet
110Kb / 3P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Mô tả tương tự - MDATA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB9BF104NPMC-G-JNE1 FUJITSU-MB9BF104NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106RPMC-GE1 FUJITSU-MB9BF106RPMC-GE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF106NPMC-G-JNE1 FUJITSU-MB9BF106NPMC-G-JNE1 Datasheet
1Mb / 18P
   FM3 MB9B100 Series
MB9BF104NPMC FUJITSU-MB9BF104NPMC Datasheet
210Kb / 2P
   32-bit Microcontrollers FM3 Family MB9B100 Series
logo
Cypress Semiconductor
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
   32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com