công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP2L1212S bảng dữ liệu(PDF) 1 Page - Toppower Electronic Technology Limited

tên linh kiện TP2L1212S
Giải thích chi tiết về linh kiện  2W Isolated Wide Input Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L1212S bảng dữ liệu(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2L1212S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L1212S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L1212S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:0086-2082019000
EMAIL:sales2@gztoppower.com
Page 1 / 3
DESCRIPTION:
TP2L series are a range of isolated 2 Watt converters in a SIP package, 2:1 wide input range and
tightly regulated output voltage qualifies these converters for many cost critical applications in
industrial and consumer electronics. Operating temperature ranges from -40℃ to 85℃, the
internal SMD construction makes it possible to offer a product with high performance at low cost.
2W Isolated Wide Input Single Output DC/DC Converters
FEATURES
RoHS compliant
2:1 wide range voltage input
Continuous short circuit protection
Operating temperature: -40℃ to 85℃
Low regulation
1KVDC Isolation/3KVDC Isolation
Efficiency up to 83%
Power density 0.91W/cm
3
Input voltage: 5V, 12V, 24V, 48V
Output voltage: 3.3V, 5V, 9V, 12V, 15V
Low noise
External control
SELECTION GUIDE
Part Number
Input voltage
Rated output voltage
Output current
Efficiency
Voltage(VDC)
Min. Load
Full load
Rated
Range values
(V)
mA
mA
%
TP2L0503S
5 (2:1)
4.5-9
3.3
150
600
65
TP2L0505S
5 (2:1)
4.5-9
5
100
400
65
TP2L0509S
5 (2:1)
4.5-9
9
56
220
70
TP2L0512S
5 (2:1)
4.5-9
12
43
168
70
TP2L0515S
5 (2:1)
4.5-9
15
33
134
74
TP2L1205S
12 (2:1)
9-18
5
100
400
74
TP2L1209S
12 (2:1)
9-18
9
56
220
78
TP2L1212S
12 (2:1)
9-18
12
43
168
80
TP2L1215S
12 (2:1)
9-18
15
33
134
81
TP2L2405S
24 (2:1)
18-36
5
100
400
75
TP2L2409S
24 (2:1)
18-36
9
56
220
80
TP2L2412S
24 (2:1)
18-36
12
43
168
83
TP2L2415S
24 (2:1)
18-36
15
33
134
83
TP2L4805S
48 (2:1)
36-72
5
100
400
73
TP2L4809S
48 (2:1)
36-72
9
56
220
80
TP2L4812S
48 (2:1)
36-72
12
43
168
80
TP2L4815S
48 (2:1)
36-72
15
33
134
81
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Control pin (CTRL) input current
Please refer to control pin application note
6
10
15
mA
Switching frequency
Max. rated load to Min. rated load, Vin Min. to Vin. Max.
90
610
kHz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage range
5V input voltage
4.5
5
9
VDC
Input Voltage range
12V input voltage
9
12
18
VDC
Input Voltage range
24V input voltage
18
24
36
VDC
Input Voltage range
48V input voltage
36
48
72
VDC


Số phần tương tự - TP2L1212S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP2L12D05S TOPPOWER-TP2L12D05S Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L12D05S-1W TOPPOWER-TP2L12D05S-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L12D05S-1W TOPPOWER-TP2L12D05S-1W Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L12D05S-2W TOPPOWER-TP2L12D05S-2W Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L12D05S-2W TOPPOWER-TP2L12D05S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results

Mô tả tương tự - TP2L1212S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
   2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com