công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM-BGA-9011 bảng dữ liệu(PDF) 4 Page - Ironwood Electronics.

tên linh kiện SM-BGA-9011
Giải thích chi tiết về linh kiện  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9011 bảng dữ liệu(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9011 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9011 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9011 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9011 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9011 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
13
6
3
12
1
2
5
4
7
8
10
9
11
30.73
25.73
10.00
20.06
0.85 (2)
1.61 (4)
1.27
1.59
ITEM
NO.
DESCRIPTION
Material
1
Socket Base, SM, 23mm
7075-T6, Plate (SS)
2
Ball Guide, SM, 23mm,
18X18
Kapton Polyimide/Cirlex
3
Test Chip, SM-BGA224
Material <not specified>
4
Test PCB, SM-BGA224
Material <not specified>
5
SM Contactor
Material <not specified>
6
Heat Sink Lid, 23mm, IC,
12W
7075-T6 Aluminum Alloy
7
Insulation plate for
23x23mm IC
FR4 High temp
8
Backing Plate
7075-T6 Aluminum Alloy
9
Nut, #0-80, SS
Stainless Steel (18-8)
10
Washer, #0 x .025", Nylon
Nylon 6/6
11
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
12
#0-80 x 0.5, SH Cap Screw
Material <not specified>
13
#0-80 X .625 LG, SOC HD
CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
SHEET 4 OF 5
SCALE: 1:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Primary dimension units are millimeters, Secondary dimension units are [inches].
SM-BGA-9011 Drawing
STATUS: Released
DRAWN BY: M. Raske
File: SM-BGA-9011
REV. A
DATE: 6/13/2012
FINISH: N/A
MATERIAL: N/A
WEIGHT: 80.96
Description: Skt, Insulation Plate, Pin Det


Số phần tương tự - SM-BGA-9011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SM-BGA-9010 IRONWOOD-SM-BGA-9010 Datasheet
387Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9013 IRONWOOD-SM-BGA-9013 Datasheet
248Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9015 IRONWOOD-SM-BGA-9015 Datasheet
504Kb / 5P
   Direct mounts to target PCB with hardware
More results

Mô tả tương tự - SM-BGA-9011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com