công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK17TA8-W25I bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện STK17TA8-W25I
Giải thích chi tiết về linh kiện  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-W25I bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-W25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
STK17TA8
February 2004
10
Document Control # ML0023 rev 0.3
nvSRAM
The STK17TA8 has two separate modes of opera-
tion: SRAM mode and nonvolatile mode. In SRAM
mode, the memory operates as a standard fast
static RAM. In nonvolatile mode, data is transferred
from SRAM to the nonvolatile elements (the STORE
operation) or from the nonvolatile elements to SRAM
(the RECALL operation). In this mode SRAM func-
tions are disabled. The STK17TA8 supports unlim-
ited reads and writes to the SRAM, unlimited recalls
from the nonvolatile elements and up to 1 million
stores to the nonvolatile elements
SRAM READ
The STK17TA8 performs a READ cycle whenever E
and G are low and W is high. The address specified
on pins A
0-16 determines which of the 131,072 data
bytes will be accessed. When the READ is initiated
by an address transition, the outputs will be valid
after a delay of t
AVQV (READ cycle #1). If the READ is
initiated by E or G, the outputs will be valid at t
ELQV or
at t
GLQV, whichever is later (READ cycle #2). The data
outputs will repeatedly respond to address changes
within the t
AVQV access time without the need for tran-
sitions on any control input pins, and will remain valid
until another address change or until E or G is
brought high, or W is brought low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of an
E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
AutoStore™ OPERATION
The STK17TA8 can be powered in one of three
modes.
During normal operation, the STK17TA8 will draw
current from V
CCX to charge a capacitor connected to
the V
CAP pin. This stored charge will be used by the
chip to perform a single STORE operation. After
power up, when the voltage on the V
CCX pin drops
below V
SWITCH, the part will automatically disconnect
the V
CAP pin from VCCX and initiate a STORE opera-
tion.
Figure 2 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 10
µF and
100
µF (± 20%) rated at minimum of 5V should be
provided.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low, will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software initi-
ated STORE cycles are performed regardless of
whether a WRITE operation has taken place. HSB
can be used to signal the system that the
AutoStore™ cycle is in progress.
HSB OPERATION
The STK17TA8 provides the HSB pin for controlling
and acknowledging the STORE operations. The HSB
pin can be used to request a hardware STORE cycle.
When the HSB pin is driven low, the STK17TA8 will
conditionally initiate a STORE operation after t
DELAY;
an actual STORE cycle will only begin if a WRITE to
the SRAM took place since the last STORE or
Figure 2: AutoStore™ Mode
If HSB is not used it should be left uncon
nected
Vcap
Vss
Vccx
+
10k
Ω∗
W
DEVICE OPERATION


Số phần tương tự - STK17TA8-W25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Mô tả tương tự - STK17TA8-W25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com