công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK17TA8-W25I bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện STK17TA8-W25I
Giải thích chi tiết về linh kiện  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-W25I bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  STK17TA8-W25I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK17TA8-W25I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
STK17TA8
February 2004
2
Document Control # ML0023 rev 0.3
PACKAGES
PIN DESCRIPTIONS
Pin Name
I/O
Description
A0 - A16
Input
Address: The 17 address inputs select one of 131,072 bytes in the
nvSRAM array or one of 16 bytes in the clock register map.
DQ0 -DQ7
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM array and
clock.
E
Input
Chip Enable: The active low E input selects the device.
W
Input
Write Enable: The active low W enables data on the DQ pins to be
written to the adddress location latched by the falling edge of E.
G
Input
Output Enable: The active low G input enables the data output buffers
during read cycles. Deasserting G high causes the DQ pins to tri-state.
X1, X2
Input
Crystal: Connections for 32.768 kHz crystal.
Vrtccap
Power Supply
Capacitor supplied backup RTC supply voltage.
Vrtcbat
Power Supply
Battery supplied backup RTC supply voltage.
VCCX
Power Supply
Power (+ 3V)
HSB
I/O
Hardware Store Busy (I/O)
INT
Output
Interrupt Output: Can be programmed to respond to the clock alarm,
the watchdog timer and the power monitor. Programmable to either
active high (push/pull) or active low (open-drain).
VCAP
Power Supply
Autostore Capacitor: Supplies power to nvSRAM during power loss to
store data from SRAM to nonvolatile elements.
VSS
Power Supply
Ground
48 Pin 300 mil SSOP
40 Pin 600 mil DIP
(not to scale)


Số phần tương tự - STK17TA8-W25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25 SIMTEK-STK17TA8-RF25 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8-RF25 CYPRESS-STK17TA8-RF25 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8-RF25I SIMTEK-STK17TA8-RF25I Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results

Mô tả tương tự - STK17TA8-W25I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com