công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STK14CA8-N45 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STK14CA8-N45 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 15 page STK14CA8 December 2004 Document Control #ML0022 rev 1.0 3 Package Thermal Characteristics see website: http://www.simtek.com/ DC CHARACTERISTICS Commercial Industrial Symbol Parameter MIN MAX MIN MAX Units Notes tAVAV = 25ns tAVAV = 35ns ICC1 Average VCC Current 65 55 50 70 60 55 mA mA mA tAVAV = 45ns Dependent on output loading and cycle rate. Values obtained without output loads. ICC2 Average VCC Current during STORE 3 3 mA All Inputs Don’t Care, VCC = max Average current for duration of STORE cycle (tSTORE). Average VCC Current at tAVAV = 200ns W ≥ (VCC – 0.2V) ICC3 3V, 25°C, Typical 5 5 mA All Others Inputs Cycling, at CMOS Levels. Dependent on output loading and cycle rate. Values obtained without output loads. ICC4 Average VCAP Current during AutoStore ™ Cycle 3 3 mA All Inputs Don’t Care Average current for duration of STORE cycle (tSTORE). VCC Standby Current E ≥ (VCC – 0.2V) ISB (Standby, Stable CMOS Input Levels) 2 2 mA All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V) Standby current level after nonvolatile cycle is complete. VCC = max IILK Input Leakage Current ±1 ±1 µA VIN = VSS to VCC VCC = max IOLK Off-State Output Leakage Current ±1 ±1 µA VIN = VSS to VCC, E or G ≥ VIH VIH Input Logic “1” Voltage 2.0 VCC + 0.3 2.0 VCC + 0.3 V All Inputs VIL Input Logic “0” Voltage VSS – 0.5 0.8 VSS – 0.5 0.8 V All Inputs VOH Output Logic “1” Voltage 2.4 2.4 V IOUT = –2mA VOL Output Logic “0” Voltage 0.4 0.4 V IOUT = 4mA TA Operating Temperature 0 70 –40 85 oC VCC Operating Voltage 2.7 3.6 2.7 3.6 V 3.0V +20%, -10% VCAP Storage Capacitor 17 57 17 57 µF Between Vcap pin and Vss, 5V rated. ABSOLUTE MAXIMUM RATINGS a Power Supply Voltage Voltage on Input Relative to VSS Voltage on Outputs Temperature under Bias Junction Temperature Storage Temperature Power Dissipation DC Output Current (1 output at a time, 1s duration) Notes a: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at con- ditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat- ing conditions for extended periods may affect reliability. -0.5V to +4.1V -0.5V to (VCC + 0.5V) -0.5V to (VCC + 0.5V) –55 °C to 125°C –55 °C to 140°C –65 °C to 150°C 1W 15mA |
Số phần tương tự - STK14CA8-N45 |
|
Mô tả tương tự - STK14CA8-N45 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |