công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14CA8-RF25 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện STK14CA8-RF25
Giải thích chi tiết về linh kiện  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-RF25 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  STK14CA8-RF25 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
5
SRAM READ CYCLES #1 & #2
SYMBOLS
STK14CA8-25
STK14CA8-35
STK14CA8-45
NO.
#1
#2
Alt.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
c
tAVAV
c
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
d
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQX
d
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Chip Enable to Output Active
3
3
3
ns
7
tEHQZ
e
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
e
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICC
b
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICC
b
tPS
Chip Disable to Power Standby
25
35
45
ns
Notes
c: W must be high during SRAM READ cycles
d: Device is continuously selected with E and G
both low
e: Measured
± 200mV from steady state output voltage
f: HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E Controlledc,f
DQ (DATA OUT)
ADDRESS
3
tAVQV
5
tAXQX
DATA VALID
2
tAVAV
2
tAVAV
DATA VALID
ADDRESS
DQ (DATA OUT)
ICC
STANDBY
ACTIVE
1
tELQV
6
tELQX
4
tGLQV
8
tGLQX
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ
E
G


Số phần tương tự - STK14CA8-RF25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF25 CYPRESS-STK14CA8-RF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Mô tả tương tự - STK14CA8-RF25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com