công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM-BGA-9027 bảng dữ liệu(PDF) 5 Page - Ironwood Electronics.

tên linh kiện SM-BGA-9027
Giải thích chi tiết về linh kiện  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9027 bảng dữ liệu(HTML) 5 Page - Ironwood Electronics.

  SM-BGA-9027 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9027 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9027 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9027 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9027 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
A
B
SECTION A-A
7075-T6 Alumium Alloy
Kapton Polyimide/Cirlex
Silmat
DUT
Test Board
Board/Socket Interface
Semitron MDS 100
Kapton Polyimide/Cirlex
DETAIL B
SCALE 20 : 1
Silver Ball Column
Solder Ball
Kapton Polyimide/Cirlex
Elastomer/Test board Interface
Rev
Date
Initials Description
A
5/15/13
BMF Original
B
11/14/13
GL Revised 4mm and 2mm insulation spacer.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Section View
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 5/15/2013
Material: N/A
Finish: N/A
Weight: 52.07
SM-BGA-9027 Drawing
SCALE: 3:1
SHEET: 5 OF 5
ENG: B. Fedde
FILE: SM-BGA-9027 Dwg
DRAWN BY: B. Fedde


Số phần tương tự - SM-BGA-9027

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SM-BGA-9020 IRONWOOD-SM-BGA-9020 Datasheet
285Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9021 IRONWOOD-SM-BGA-9021 Datasheet
554Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9022 IRONWOOD-SM-BGA-9022 Datasheet
471Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9023 IRONWOOD-SM-BGA-9023 Datasheet
360Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9024 IRONWOOD-SM-BGA-9024 Datasheet
885Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Mô tả tương tự - SM-BGA-9027

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com