công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM-BGA-9043 bảng dữ liệu(PDF) 4 Page - Ironwood Electronics.

tên linh kiện SM-BGA-9043
Giải thích chi tiết về linh kiện  Direct mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9043 bảng dữ liệu(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9043 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3
5
1
6
7
14
8
9
13
12
10
11
4
2
12.73
12.73
5.30
ITEM NO.
DESCRIPTION
Material
1
GHz Socket Base 10mm IC 3mm Thk
7075-T6
Aluminum Alloy
2
Socket Lid
7075-T6
Aluminum Alloy
3
Compression Screw M6x1
Stainless Steel
(18-8)
4
Compression Plate 5.7mmx6.5mm IC
7075-T6
Aluminum Alloy
5
Test Chip 178 pin, 5.7mmx6.5mm, 0.4mm pitch 14x16 array
BGA package
FR4 High temp
6
IC guide for 5.7mm x 6.5mm IC
Torlon 4203
7
BGA ball guide 14x16 array 0.4mm pitch
Kapton
Polyimide/Cirlex
8
SM elastomer for 178 pin, 5.7mmx6.5mm, 0.4mm pitch
14x16 array BGA package
SM elastomer
9
test pcb for 178 pin, 5.7mmx6.5mm, 0.4mm pitch 14x16 array
BGA package
FR4 High temp
10
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL, BLK
OXIDE
Alloy Steel
11
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel
(303)
12
Dowel Pin, 1/32" x 3/16", SS
Chrome
Stainless Steel
13
10x10mm 5 post backing plate
7075-T6
Aluminum Alloy
14
Insulating washer, 4mm OD.
Kapton
Polyimide/Cirlex
Rev
Date
Initials Description
A
12/12/13
MR
Original
B
08/05/14
DH
Changed IC Guide Material to Torlon
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 12/12/2013
Material: N/A
Finish: N/A
Weight: 6.53
SM-BGA-9043 Drawing
SCALE: 3:1
SHEET: 4 OF 4
ENG: S. Faiz
FILE: SM-BGA-9043 Dwg
DRAWN BY: M. Raske


Số phần tương tự - SM-BGA-9043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9041 IRONWOOD-SM-BGA-9041 Datasheet
416Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9042 IRONWOOD-SM-BGA-9042 Datasheet
670Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9044 IRONWOOD-SM-BGA-9044 Datasheet
499Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9045 IRONWOOD-SM-BGA-9045 Datasheet
322Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Mô tả tương tự - SM-BGA-9043

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SM-BGA-9015 IRONWOOD-SM-BGA-9015 Datasheet
504Kb / 5P
   Direct mounts to target PCB with hardware
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com