công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCS-0402-AT bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện MCS-0402-AT
Giải thích chi tiết về linh kiện  Precision Thin Film Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS-0402-AT bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  MCS-0402-AT Datasheet HTML 1Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 2Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 3Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 4Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 5Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 6Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 7Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 8Page - Vishay Siliconix MCS-0402-AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 21-Feb-17
1
Document Number: 28785
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Thin Film Chip Resistors
Automotive-grade MC AT precision thin film chip resistors
are the perfect choice for
most
fields of
modern
precision electronics where reliability and stability is of major
concern.
Typical
applications
include
automotive,
telecommunication,
industrial,
medical
equipment,
precision test, and measuring equipment.
FEATURES
• Rated dissipation P70 up to 0.4 W for size 1206
• AEC-Q200 qualified
• Approved to EN 140401-801
• Superior temperature cycling robustness
• Advanced sulfur resistance verified according
to ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Telecommunication
• Industrial equipment
• Medical equipment
Note
(1) Please refer to APPLICATION INFORMATION below.
TECHNICAL SPECIFICATIONS
DESCRIPTION
MCS 0402 AT
MCT 0603 AT
MCU 0805 AT
MCA 1206 AT
Imperial size
0402
0603
0805
1206
Metric size code
RR1005M
RR1608M
RR2012M
RR3216M
Resistance range
47
 to 221 k
47
 to 511 k
47
 to 1 M
47
 to 1 M
Resistance tolerance
± 0.1 %
Temperature coefficient
± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
Rated dissipation P70 (1)
0.100 W
0.125 W
0.200 W
0.400 W
Operating voltage, Umax. ACRMS/DC
50 V
75 V
150 V
200 V
Permissible film temperature,
F max.
(1)
155 °C
Operating temperature range
-55 °C to 155 °C
Permissible voltage against ambient
(insulation):
1 min; Uins
75 V
100 V
200 V
300 V
Failure rate: FITobserved
 0.1 x 10-9/h


Số phần tương tự - MCS-0402-AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
MCS-0402-VG01 VISHAY-MCS-0402-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
More results

Mô tả tương tự - MCS-0402-AT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com