công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-QFJ68SC-01 bảng dữ liệu(PDF) 1 Page - Ironwood Electronics.

tên linh kiện SS-QFJ68SC-01
Giải thích chi tiết về linh kiện  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFJ68SC-01 bảng dữ liệu(HTML) 1 Page - Ironwood Electronics.

  SS-QFJ68SC-01 Datasheet HTML 1Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 2Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 3Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 4Page - Ironwood Electronics. SS-QFJ68SC-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Top View
Side View
A
(Section AA)
57.225mm
[2.253"]
50.60mm [1.992"]
10.62mm
Assembled 36.4mm
+ IC thickness
A
A
Ø 16.00mm min.
All Tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: E Smolentseva
Scale: 1.25:1
Rev: A
Date: 3/3/10
Modified:
File: SS-QFJ68SC-01 Dwg
SS-QFJ68SC-01 Drawing
1
2
Customer's PCB
6
5
3
PAGE 1 of 5
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Ceramic Filled Peek
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
Black Oxide, 0-80 Thread, 5/8" long.
Backing Plate: Black anodized Aluminum
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS, 0-80 thread, 3/16" long.
4
8
9
10
7
Latch: Black anodized Aluminum.
10
11
11
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
IC Guide: Ultem
12
12
Heat Sink: Gold plated Copper Alloy 145
13
13


Số phần tương tự - SS-QFJ68SC-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SS-QFE100SE-02 IRONWOOD-SS-QFE100SE-02 Datasheet
413Kb / 5P
   Low and stable contact resistance for reliable production yield
SS-QFE128SD-01 IRONWOOD-SS-QFE128SD-01 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SS-QFE128SD-02 IRONWOOD-SS-QFE128SD-02 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SS-QFE144SH-01 IRONWOOD-SS-QFE144SH-01 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SS-QFE176SC-01 IRONWOOD-SS-QFE176SC-01 Datasheet
83Kb / 4P
   Compression plate distributes forces evenly
More results

Mô tả tương tự - SS-QFJ68SC-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com