công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-QFE100SE-02 bảng dữ liệu(PDF) 1 Page - Ironwood Electronics.

tên linh kiện SS-QFE100SE-02
Giải thích chi tiết về linh kiện  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRONWOOD [Ironwood Electronics.]
Trang chủ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-QFE100SE-02 bảng dữ liệu(HTML) 1 Page - Ironwood Electronics.

  SS-QFE100SE-02 Datasheet HTML 1Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 2Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 3Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 4Page - Ironwood Electronics. SS-QFE100SE-02 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6.26
32.60
12.05
8.50
1.14
1.52
J
10.36
14.97
19.50
36.50
39.83
DETAIL J
SCALE 10 : 1
CBT-QFE DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
Features
• Wide temperature range (-55C to +180C).
• High current capability (up to 8A).
• Excellent signal integrity at high frequencies.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity variations.
• Automated probe manufacturing enables low cost and short
lead time.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SS-QFE100SE 0.5mm Pitch (clam shell spring pin socket)
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 7/25/2012
Material:
Finish:
Weight: 66.95
SS-QFE100SE-02 Specification
SCALE: 3:2
SHEET: 1 OF 5
DRAWN BY: V. Panavala
FILE: SS-QFE100SE-02


Số phần tương tự - SS-QFE100SE-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SS-QFE128SD-01 IRONWOOD-SS-QFE128SD-01 Datasheet
72Kb / 4P
   Compression plate distributes forces evenly
SS-QFE128SD-02 IRONWOOD-SS-QFE128SD-02 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SS-QFE144SH-01 IRONWOOD-SS-QFE144SH-01 Datasheet
80Kb / 4P
   Compression plate distributes forces evenly
SS-QFE176SC-01 IRONWOOD-SS-QFE176SC-01 Datasheet
83Kb / 4P
   Compression plate distributes forces evenly
More results

Mô tả tương tự - SS-QFE100SE-02

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com