công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M02-09-01 bảng dữ liệu(PDF) 2 Page - Gamewell-FCI by Honeywell

tên linh kiện M02-09-01
Giải thích chi tiết về linh kiện  Advanced Multi-Criteria Fire/CO Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

M02-09-01 bảng dữ liệu(HTML) 2 Page - Gamewell-FCI by Honeywell

  M02-09-01 Datasheet HTML 1Page - Gamewell-FCI by Honeywell M02-09-01 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1653 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60708 Rev. C page 2 of 2
www.gamewell-fci.com
Specifications
Physical Specifications
Base Diameter:
6.875”
(17.46 cm) installed in a B200S
base
Base Height:
3.46”
(8.79 cm) installed in B200S base
Shipping Weight:
4.6 oz
Color:
Ivory
Material:
Bayblend FR110
Operating
Temperature Range: 32° F to 100° F (0° C to 38° C)
Operating Humidity
Range:
15 to 90% relative humidity
(non-condensing)
Air Velocity:
0 to 4,000 ft/min (0 to 20 m/sec)
Electrical Specifications
Operating Voltage
Range:
15 to 32 VDC
Maximum Standby
Current:
300 µA at 24 VDC (no communica-
tion every 5 seconds with LED blink
enabled).
Maximum Alarm
Current (LED on):
7.2 mA at 24 VDC
Sensitivity Settings & Suggested
Applications
Level 1:
1% per foot
(30.48 cm) of smoke.
Very clean environments:
Used in Laboratories.
Level 2:
2% per foot
(30.48 cm) of smoke.
Clean environments: Used in offices.
Level 3:
3% per foot
(30.48 cm) of smoke.
Moderately clean environments:
Used in hotel rooms, dorm rooms.
Level 4:
3% per foot
(30.48 cm) of smoke with different
algorithm processing and weighting of sensor
elements. Used in hotel rooms near a shower,
boiler rooms.
Level 5:
4% per foot
(30.48 cm) of smoke.
Used in equipment rooms, kitchens, paint
shop.
Level 6:
Thermal alarm at 135° F (57° C).
Warning: After the CO cell has reached the end-of-life, the
CO sensor no longer provides life safety protection. How-
ever, when the fire detector enters Photo, Thermal, Infra-
red (PTIR) mode, the following sensitivities apply:
Level 1:
1% per foot
(30.48 cm) of smoke. Very clean
environments: Used in Laboratories.
Level 2:
2% per foot
(30.48 cm) of smoke.
Clean environments: Used in offices.
Level 5:
3% per foot
(30.48 cm) of smoke.
Moderately clean environments:
Used in hotel rooms, dorm rooms.
Level 6:
Thermal alarm at 135° F (57° C).
Specifications (Continued)
CO Monitoring UL Standard Reference - Alarm
Thresholds are as follows:
Parts per
Million
70 ± 5ppm
150±5ppm
400± 10ppm
Detector
Response
Time, min.
60-240
10-50
4-15
Note: Per UL Standard 2075, the MCS-COF has been
tested to the sensitivity limits defined in UL Standard 2034.
Ordering Information
Part Number
Description
MCS-COF
Advanced Multi-Criteria Fire/CO
Detector
Note: Due to the unique nature of this
detector, please consult your Fire
Alarm Control Panel Manufacturer for
the specific model and compatibility.
Accessories:
B200S
Addressable Sounder Base
M02-04-01
Detector Test Magnet
M02-09-01
Telescoping Test Magnet


Số phần tương tự - M02-09-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Systemsensor advanced i...
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
79Kb / 2P
   Intelligent Photoelectric Smoke Detector
logo
Gamewell-FCI by Honeywe...
M02-09-00 GAMEWELL-FCI-M02-09-00 Datasheet
191Kb / 2P
   Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
logo
Systemsensor advanced i...
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
M02-09-00 SYSTEMSENSOR-M02-09-00 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
More results

Mô tả tương tự - M02-09-01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Systemsensor advanced i...
2251-COPTIR SYSTEMSENSOR-2251-COPTIR Datasheet
777Kb / 2P
   Advanced Multi-Criteria Fire Detector with four unique sensing elements
logo
Gamewell-FCI by Honeywe...
MCS-4-WARN GAMEWELL-FCI-MCS-4-WARN Datasheet
64Kb / 2P
   Advanced Multi-Criteria Detector with Four Unique Sensing Elements
logo
Richtek Technology Corp...
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
   Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
   Smart Multi-Voltage Detector
RT9823 RICHTEK-RT9823 Datasheet
144Kb / 7P
   Smart Multi-Voltage Detector
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Texas Instruments
SPR-1-08 TI-SPR-1-08 Datasheet
139Kb / 3P
[Old version datasheet]   SILICON MULTI-CHANNEL DETECTOR ARRAY
logo
Diodes Incorporated
ZLNB2015 DIODES-ZLNB2015 Datasheet
88Kb / 7P
   ADVANCED DBS DUAL CHANNEL VOLTAGE AND TONE DETECTOR
DS32061 Rev. 1 - 2
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
   Fire retardant
logo
List of Unclassifed Man...
D1257 ETC2-D1257 Datasheet
121Kb / 2P
   Fire Annunciator
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com