công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAC-5X bảng dữ liệu(PDF) 2 Page - Gamewell-FCI by Honeywell

tên linh kiện CAC-5X
Giải thích chi tiết về linh kiện  5 and 10 Zone Conventional Fire Alarm Control Panels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAC-5X bảng dữ liệu(HTML) 2 Page - Gamewell-FCI by Honeywell

  CAC-5X Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAC-5X Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60293 Rev. C page 2 of 2
www.gamewell-fci.com
Options:
GFANN-80
Remote annunciator with 80 charac-
ter, backlit LCD which mimics the
FACP display. Also provides status
indicators for AC Power, Alarm, Trou-
ble, Supervisory and Alarm Silenced
conditions. Packed in its
own enclosure.
GFANN-RLY
Relay module provides 10 Form-C
relays. Mounts in FACP.
CAC-5X
Class A conversion module used to
convert Class B (Style B) IDCs to
Class A (Style D) and Class B (Style
Y) NACs to Class A (Style Z). Mounts
in FACP. Two required for GF510.
4XTMF
Transmitter module provides output
for the local energy municipal box
transmitter and the alarm and trouble
reverse polarity. Mounts in FACP.
Specifications
AC Power:
120 VAC, 60Hz, 3.8 A
Supervised, non power-limited
Battery:
Max. charging circuit:
27.6 VDC@ 1.4A
Max. Charger
Capacity:
26 Ah
(two 18 Ah batteries fit inside FACP)
Initiating Device:
Alarm zones 1 - 5 (Flex 505/
Flex 510)
Circuits (IDC):
Alarm zones 6 - 10 (Flex 510 only)
All zones Class B (Style B)
Supervised, Class 2 Power-Limited
circuitry
Operating Voltage: nominal 20 VDC
Alarm Current:
15 mA minimum
Short Circuit
Current:
40 mA maximum
Standby Current:
2 mA
Maximum Loop
Resistance:
100 ohms
Notification:
Four NACs, Class B (Style Y)
Circuits (NAC):
Supervised, Class 2, Power-Limited
circuitry
Operating Voltage: nominal 24 VDC
Maximum
Signaling Current: 7.0 A (3.0 A maximum per NAC)
Maximum Wiring
Voltage Drop:
2 VDC
Form-C Relays:
Programmable (factory setting:
Trouble, Alarm, Supervisory)
Contact Ratings:
2 A @ 30 VDC (resistive)
0.5 A @ 30 VAC (resistive)
Resettable
Operating Voltage: nominal 24 VDC
Power:
Class 2 Power-Limited circuitry
Maximum
Available Current: 500 mA
Non-Resettable
Operating Voltage: nominal 24 VDC
Power:
Class 2 Power-Limited circuitry
Maximum
Available Current:
500 mA
Remote Sync:
24 VDC nominal, max. current: 40 mA
Cabinet-Door:
19.3" x 16.8" x 0.3" (
49 x 43 x 1 cm)
Backbox:
19" x 16.6" x 5.2"
(48 x 42 x13 cm)
Features (Continued)
Panel LED annunciating indicators (visible to public)
- Fire Alarm (red)
- AC Power (green)
- Supervisory (yellow)
- Trouble (yellow)
- Alarm Silenced (yellow)
Local FACP piezo sounder differentiates Alarm,
Trouble, Maintenance, and Supervisory.
Membrane key panel (visible when panel door open):
- 25 keys, including a 16 alpha-numeric keypad.
- Function: ACK/STEP, SILENCE, DRILL, RESET.
- Service/programming: phone keys, cursor, enter, etc.
256 Event History Log.
24 volt operation with low AC voltage sense.
Automatic battery charger with supervision.
Built-in FLPS-7 power supply (7.0 A total current).
Silent or audible walk test capabilities.
Alarm verification and positive alarm sequence (PAS).
Piezo sounder for Alarm, Trouble, and Supervisory.
Built-in 4-conductor communication bus (ANN-BUS) to
connect remote annunciators, and printer, LED, and
relay modules.
Optional trim ring.
Ordering Information
GF505
Flex 505 conventional FACP, 5 zones,
120 VAC, w/ FLPS-7 power supply, red
GF510
Flex 510 conventional FACP, 10 zones,
120 VAC, w/ FLPS-7 power supply, red
71252
EOL resistor, 4.7K ohm, ½ watt
53164
GF505 & GF510 Series I/O Manual
Options:
GFANN-80
Remote annunciator, LCD, red
GFANN-80W
Remote annunciator, LCD, white
GFANN-LED
LED annunciator module;
yellow and red LEDs
GFANN-RLY
Relay module, 10 Form-C relays
CAC-5X
Class A converter for IDCs & NACs
(2 for Flex 510)
4XTMF
Transmitter module for remote station
output or municipal box connection
TR-CE
Trim ring for semi-flush mount, red
ANN-SB80KIT-R Backbox kit, surface mount used with
ANN-80, red
ANN-
SB80KIT-W Backbox kit, angled for better viewing,
surface mount used with the N-ANN-80
(-W), white
ANN-MBRLY
Optional mounting bracket (ANN-RLY)


Số phần tương tự - CAC-5X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
CAC-5X GAMEWELL-FCI-CAC-5X Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
CAC-5X GAMEWELL-FCI-CAC-5X Datasheet
70Kb / 4P
   Agent Release Control Panel
More results

Mô tả tương tự - CAC-5X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
   Two and Four Zone Conventional Fire Alarm Control Panels
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
M46-SL GAMEWELL-FCI-M46-SL Datasheet
219Kb / 2P
   Conventional Fire Alarm Pull Stations
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
   fire alarm markets leading conventional sounder
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com