công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-78B5.0-2.0 bảng dữ liệu(PDF) 3 Page - Recom International Power

tên linh kiện R-78B5.0-2.0
Giải thích chi tiết về linh kiện  Efficiency Up To 96%, No Heatsinks Required
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78B5.0-2.0 bảng dữ liệu(HTML) 3 Page - Recom International Power

  R-78B5.0-2.0 Datasheet HTML 1Page - Recom International Power R-78B5.0-2.0 Datasheet HTML 2Page - Recom International Power R-78B5.0-2.0 Datasheet HTML 3Page - Recom International Power R-78B5.0-2.0 Datasheet HTML 4Page - Recom International Power R-78B5.0-2.0 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating (see graph)
-40°C to +70°C
Maximum Case Temperature
+105°C
Temperature Coefficient
0.02%/°C typ.
Operating Altitude
5000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
6349 x 103 hours
Vibration
10-55Hz, 2G, 30min along X, Y and Z axis
I-3
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm up unless otherwise specified)
R-78B-2.0
Series
-40
85
70
100
80
60
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment
Safety requirements (CB Scheme)
(pending)
IEC/EN62368-1, 2nd Edition, 2014
RoHs2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
with external components
(see filter suggestion below)
EN55022, Class A
EN55022, Class B
Information technology equipment - Immunity characteristics - Limits and methods
of measurement
EN55024, 2010
Electromagnetic compatibility of multimedia equipment - Emission requirements
EN55032, Class B, 2013
ESD Electrostatic discharge immunity test
Air ±8kV and Contact ± 4kV
IEC61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3 V/m
IEC61000-4-3, Criteria A
Fast Transient and Burst Immunity
±0.5kV
IEC61000-4-4, Criteria A
Surge Immunity
±0.5kV
IEC61000-4-5, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
3V
IEC61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz/ 1A/m
IEC61000-4-8, Criteria A
continued on next page


Số phần tương tự - R-78B5.0-2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
R-78B5.0-1.0 RECOM-R-78B5.0-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B5.0-1.0 RECOM-R-78B5.0-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B5.0-1.0 RECOM-R-78B5.0-1.0 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B5.0-1.0L RECOM-R-78B5.0-1.0L Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B5.0-1.5 RECOM-R-78B5.0-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results

Mô tả tương tự - R-78B5.0-2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
R-78HB RECOM-R-78HB_17 Datasheet
495Kb / 4P
   Efficiency up to 93%, no need for heatsinks
logo
Silicon Laboratories
SI86XX SILABS-SI86XX Datasheet
1Mb / 52P
   No start-up initialization required
logo
B. B. Battery Co., Ltd.
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
   Maintenance free(no water topping-up required)
BP33-12H BB-BATTERY-BP33-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
   Maintenance free(no water topping-up required)
logo
List of Unclassifed Man...
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
   Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
   Maintenance free(no water topping-up required)
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
   High-speed operation DC to 150 Mbps No start-up initialization required
logo
Taoglas antenna solutio...
MMB.A.EXTMA TAOGLAS-MMB.A.EXTMA Datasheet
3Mb / 30P
   No Drilling Required
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com