công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5415006-1 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
5415006-1 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
6 / 17 page SMB Connectors, 50 Ohm (Continued) 13.46 [.530] Dia. 6.35 [.250] A B Plugs Center Interface PCB Dim. Dim. Recommended Part Contact Body Leg Dielectric Style PC Board Plating Plating Plating AB Layout No. 8.76 2.79 Gold Nickel Nickel TEFLON .345 .110 Die Cast B 415380-1* 8.76 3.94 Gold Nickel Tin TEFLON .345 .155 Die Cast A 5414338-1 * 5 leg design Recommended PC Board Layouts 5.08 [.200] 2.54 [.100] 5.08 [.200] 1.24 Dia. [.049] Min. 1.75 Dia. [.069] Min. (4 Holes) A B Ø 1.24 ± 0.05 [.049 ± .002] 2.54 [.100] 5.08 [.200] 5.08 [.200] Ø 1.75 [.069] 4 Plcs. C 2.54 [.100] 5.08 [.200] 5.08 [.200] Ø 1.32 [.052] 5 Plcs. 12.70 [.500] A B A B 13.46 [.530] Jack with Standoff Pads Jack Low Profile Jacks Center Interface PCB Dim. Dim. Recommended Part Type Contact Body Leg Dielectric Style PC Board Plating Plating Plating AB Layout No. 7.11 3.94 Gold Gold Gold TEFLON .280 .155 MIL Type A 413996-2 Low Profile 7.11 3.94 Gold Nickel Nickel TEFLON .280 .155 MIL Type A 413996-4 7.11 2.79 Gold Gold Gold TEFLON .280 .110 Die Cast A 415340-1 8.76 2.79 Gold Gold Gold TEFLON .345 .110 Die Cast A 415672-1 8.51 3.94 Gold Gold Gold TEFLON .335 .155 MIL Type A 414026-2 8.76 3.94 Gold Nickel Nickel TEFLON .345 .155 MIL Type A 414026-3 With 8.76 3.94 Standoff Pads Gold Nickel Tin-Lead TEFLON .345 .155 Die Cast A 5414337-1 8.76 2.79 Gold Nickel Nickel TEFLON .345 .110 Die Cast B 5415379-1* 8.51 3.94 Gold Nickel Nickel TEFLON .335 .155 Die Cast A 415381-1 7.67 2.79 Bulkhead Gold Gold Gold TEFLON .302 .110 Die Cast A 414963-1 9.78 3.94 Brass, Commercial Gold Nickel Tin Polypropylene .385 .155 Stamped C 5228435-1 7.67 2.79 Bulkhead Gold Gold Gold TEFLON .302 .110 Die Cast A 1274330-1 * 5 leg design PC Board, Right-Angle Jacks A B 19.87 [.782] Bulkhead Jack PC Board, Right-Angle Plug 181 Catalog 1307191 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 3-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 RF Coax Connectors Note: Part Numbers are RoHS compliant except: Indicates non-RoHS compliant. TEFLON is a trademark of E.I. Dupont de Nemours and Company. |
Số phần tương tự - 5415006-1 |
|
Mô tả tương tự - 5415006-1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |