công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5414170-1 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện 5414170-1
Giải thích chi tiết về linh kiện  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5414170-1 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

Back Button 5414170-1 Datasheet HTML 2Page - Tyco Electronics 5414170-1 Datasheet HTML 3Page - Tyco Electronics 5414170-1 Datasheet HTML 4Page - Tyco Electronics 5414170-1 Datasheet HTML 5Page - Tyco Electronics 5414170-1 Datasheet HTML 6Page - Tyco Electronics 5414170-1 Datasheet HTML 7Page - Tyco Electronics 5414170-1 Datasheet HTML 8Page - Tyco Electronics 5414170-1 Datasheet HTML 9Page - Tyco Electronics 5414170-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SMB Connectors, 50 Ohm (Continued)
13.46
[.530]
Dia.
6.35
[.250]
A
B
Plugs
Center
Interface
PCB
Dim.
Dim.
Recommended
Part
Contact
Body
Leg
Dielectric
Style
PC Board
Plating
Plating
Plating
AB
Layout
No.
8.76
2.79
Gold
Nickel
Nickel
TEFLON
.345
.110
Die Cast
B
415380-1*
8.76
3.94
Gold
Nickel
Tin
TEFLON
.345
.155
Die Cast
A
5414338-1
* 5 leg design
Recommended
PC Board Layouts
5.08
[.200]
2.54
[.100]
5.08
[.200]
1.24 Dia.
[.049] Min.
1.75 Dia.
[.069] Min.
(4 Holes)
A
B
Ø 1.24 ± 0.05
[.049 ± .002]
2.54
[.100]
5.08
[.200]
5.08
[.200]
Ø 1.75
[.069]
4 Plcs.
C
2.54
[.100]
5.08
[.200]
5.08
[.200]
Ø 1.32
[.052]
5 Plcs.
12.70
[.500]
A
B
A
B
13.46
[.530]
Jack with Standoff Pads
Jack Low Profile
Jacks
Center
Interface
PCB
Dim.
Dim.
Recommended
Part
Type
Contact
Body
Leg
Dielectric
Style
PC Board
Plating
Plating
Plating
AB
Layout
No.
7.11
3.94
Gold
Gold
Gold
TEFLON
.280
.155
MIL Type
A
413996-2
Low Profile
7.11
3.94
Gold
Nickel
Nickel
TEFLON
.280
.155
MIL Type
A
413996-4
7.11
2.79
Gold
Gold
Gold
TEFLON
.280
.110
Die Cast
A
415340-1
8.76
2.79
Gold
Gold
Gold
TEFLON
.345
.110
Die Cast
A
415672-1
8.51
3.94
Gold
Gold
Gold
TEFLON
.335
.155
MIL Type
A
414026-2
8.76
3.94
Gold
Nickel
Nickel
TEFLON
.345
.155
MIL Type
A
414026-3
With
8.76
3.94
Standoff Pads
Gold
Nickel
Tin-Lead
TEFLON
.345
.155
Die Cast
A
5414337-1
8.76
2.79
Gold
Nickel
Nickel
TEFLON
.345
.110
Die Cast
B
5415379-1*
8.51
3.94
Gold
Nickel
Nickel
TEFLON
.335
.155
Die Cast
A
415381-1
7.67
2.79
Bulkhead
Gold
Gold
Gold
TEFLON
.302
.110
Die Cast
A
414963-1
9.78
3.94
Brass,
Commercial
Gold
Nickel
Tin
Polypropylene
.385
.155
Stamped
C
5228435-1
7.67
2.79
Bulkhead
Gold
Gold
Gold
TEFLON
.302
.110
Die Cast
A
1274330-1
* 5 leg design
PC Board,
Right-Angle Jacks
A
B
19.87
[.782]
Bulkhead Jack
PC Board,
Right-Angle Plug
181
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Số phần tương tự - 5414170-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
3M Electronics
5414 3M-5414 Datasheet
115Kb / 3P
   3M??Water-Soluble Wave Solder Tape 5414, Transparent
logo
Heyco.
5414 HEYCO-5414 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
List of Unclassifed Man...
54140 ETC2-54140 Datasheet
235Kb / 1P
   Connectors for Copper Conductor
logo
TE Connectivity Ltd
5414088-1 TEC-5414088-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
List of Unclassifed Man...
54142-TB ETC2-54142-TB Datasheet
235Kb / 1P
   Connectors for Copper Conductor
More results

Mô tả tương tự - 5414170-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com