công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5414363-5 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 5414363-5
Giải thích chi tiết về linh kiện  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5414363-5 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  5414363-5 Datasheet HTML 1Page - Tyco Electronics 5414363-5 Datasheet HTML 2Page - Tyco Electronics 5414363-5 Datasheet HTML 3Page - Tyco Electronics 5414363-5 Datasheet HTML 4Page - Tyco Electronics 5414363-5 Datasheet HTML 5Page - Tyco Electronics 5414363-5 Datasheet HTML 6Page - Tyco Electronics 5414363-5 Datasheet HTML 7Page - Tyco Electronics 5414363-5 Datasheet HTML 8Page - Tyco Electronics 5414363-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
176
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors
Product Facts
SMB offers snap-fit coupling
for quick connect/disconnect
Choice of Commercial or
High Rel Connectors
50 and 75
Ω MIL-Type
connectors available
Straight plugs and jacks are
completely crimp terminated
Fast easy cable assembly
Low VSWR
Standard military, commer-
cial or Tyco Electronics
tooling
Listed under the Component
Program of Underwriters
Laboratories Inc.,
File No. E81956
PC Board soldered connec-
tors are recognized under
the Component Program of
Underwriters
Laboratories Inc.,
File No. E81956
Certified by Canadian
Standards
Association
File No. LR 7189
R
R
R
SMB Connectors are avail-
able in commercial and
high rel versions. They are
ideally suited for circuit
miniaturization and are
offered in a wide range of
configurations including
plugs, right-angle plugs,
jacks, bulkhead jacks and
adapters, as well as printed
circuit board and solder
jacks.
Termination costs are kept
to a minimum using plugs
and jacks with a crimp cen-
ter contact and hex crimp
outer braid. Both hand held
tooling and pneumatic
bench-mounted tooling is
available. Easily assembled
right-angle plugs have a
hex crimp on the outer
braid ferrule and bifurcated
solder center contacts.
Tyco Electronics’ 75 Ohm BT
43 SMB Connectors feature
unique spring mating with
snap-fit couplings for quick
connect/disconnect. These
connectors are designed
to be intermateable with
75 Ohm SMB MIL-C-39012
connectors. They also fea-
ture reliable dual crimp
cable terminations.
Packaging — All connectors are
packaged individually unless otherwise
noted under the “Military No. and/or
Comments” column in the connector
specifications chart.
Between Series Adapters
For SMB Between Series Adapters,
please see pages 251-260.


Số phần tương tự - 5414363-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Festo Corporation.
541436 FESTO-541436 Datasheet
96Kb / 1P
   Air preparation combination unit
1/27/22
More results

Mô tả tương tự - 5414363-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com