công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5414946-5 bảng dữ liệu(PDF) 4 Page - Tyco Electronics

tên linh kiện 5414946-5
Giải thích chi tiết về linh kiện  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5414946-5 bảng dữ liệu(HTML) 4 Page - Tyco Electronics

  5414946-5 Datasheet HTML 1Page - Tyco Electronics 5414946-5 Datasheet HTML 2Page - Tyco Electronics 5414946-5 Datasheet HTML 3Page - Tyco Electronics 5414946-5 Datasheet HTML 4Page - Tyco Electronics 5414946-5 Datasheet HTML 5Page - Tyco Electronics 5414946-5 Datasheet HTML 6Page - Tyco Electronics 5414946-5 Datasheet HTML 7Page - Tyco Electronics 5414946-5 Datasheet HTML 8Page - Tyco Electronics 5414946-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SMB Connectors, 50 Ohm (Continued)
Straight Jacks
Bulkhead Jack
Adapter
(Jack-Jack)
Commercial Jack
Die Cast
Brass
5.56
[.219]
Hex.
5/4.88
Dia.
[.197/.192]
2.08/2.01
[.082/.079]
Maximum Panel Thickness 2.36 [.093]
Recommended Panel Cutout
for Bulkhead Jack and Adapter
25.40
[1.000]
6.35
[.250]
Hex.
17.53
[.690]
Max.
RG/U
Center
Body
Jack
Cable
Contact
Plating
Dielectric
Style
Part No.
Plating
178, 178A, 178B, 196, 196A
Gold
Nickel
TEFLON
MIL Type
5414170-2
174, 316,
Gold
Nickel
TEFLON
MIL Type
5414170-1
188, 188A
Gold
Nickel
TEFLON
Die Cast
414948-1
RD 316, 188 Double Braid
Gold
Nickel
TEFLON
Commercial
414948-3
Center
Type
Contact
Body
Dielectric
Style
Part No.
Plating
Plating
Gold
Nickel
TEFLON
MIL Type
228553-1
Jack-To-Jack
Gold
Gold
TEFLON
MIL Type
228553-2
MIL Type Jack
Bulkhead Jacks
6.35
[.250 ]
Hex.
28.60
[1.120]
Center
Bulkhead
RG/U
Contact
Body
Jack.
Cable
Plating
Plating
Dielectric
Style
Part No.
174, 316,
Gold
Nickel
TEFLON
Commercial
5415006-1
188,188A
Gold
Nickel
TEFLON
Commercial
5228217-1
RD 316, 188 Double Braid
Gold
Nickel
TEFLON
Commercial
5415006-2
179
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Số phần tương tự - 5414946-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
5414907-1 TEC-5414907-1 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Festo Corporation.
541495 FESTO-541495 Datasheet
83Kb / 1P
   Shut off valve
3/27/22
541496 FESTO-541496 Datasheet
86Kb / 1P
   Shut off valve
3/29/22
541497 FESTO-541497 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
541498 FESTO-541498 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
More results

Mô tả tương tự - 5414946-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com