công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS105-10L5.5MM bảng dữ liệu(PDF) 5 Page - TE Connectivity Ltd

tên linh kiện TS105-10L5.5MM
Giải thích chi tiết về linh kiện  For Contactless Temperature Measurement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TS105-10L5.5MM bảng dữ liệu(HTML) 5 Page - TE Connectivity Ltd

  TS105-10L5.5MM Datasheet HTML 1Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 2Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 3Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 4Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TS105-10L5.5MM
Thermopile Sensor
SENSOR SOLUTIONS /// TS105-10L5.5MM
10/2015
Page 5
MECHANICAL DIMENSIONS
Figure 5: Mechanical dimensions of thermopile
ORDERING INFORMATION
Part Descripton
TS105-10 L5.5 NTC 100K BETA
Part No.
G-TPCO-019
TE.com/sensorsolutions
Measurement Specialties, Inc., a TE Connectivity company.
Measurement Specialties, TE Connectivity, TE Connectivity (logo) and EVERY CONNECTION COUNTS are trademarks. All other logos, products and/or company names referred to
herein might be trademarks of their respective owners.
The information given herein, including drawings, illustrations and schematics which are intended for illustration purposes only, is believed to be reliable. However, TE Connectivity makes
no warranties as to its accuracy or completeness and disclaims any liability in connection with its use. TE Connectivity‘s obligations shall only be as set forth in TE Connectivity‘s Standard
Terms and Conditions of Sale for this product and in no case will TE Connectivity be liable for any incidental, indirect or consequential damages arising out of the sale, resale, use or
misuse of the product. Users of TE Connectivity products should make their own evaluation to determine the suitability of each such product for the specific application.
© 2015
TE Connectivity Ltd. family of companies
All Rights Reserved.
NORTH AMERICA
Measurement Specialties, Inc.,
a TE Connectivity Company
910 Turnpike Road
Shrewsbury, MA 01545
United States
Phone: +1-508-842-0516
Fax: +1-508-842-0342
Email: temperature.sales.amer@meas-
spec.com
Web: www.meas-spec.com
EUROPE
Measurement Specialties (Europe), Ltd.,
a TE Connectivity Company
Deutschland GmbH
Hauert 13
D-44227 Dortmund
Germany
Phone: +49-(0)231-9740-0
Fax: +49-(0)231-9740-20
Email: info.de@meas-spec.com
Web: www.meas-spec.com
ASIA
Measurement Specialties (China), Ltd.,
a TE Connectivity Company
No. 26 Langshan Road
Shenzhen High-Tech Park (North)
Nanshan District, Shenzhen 518057
China
Tel: +86 755 3330 5088
Fax: +86 755 3330 5099
Email:
temperature.sales.asia@meas-spec.com
Web: www.meas-spec.com


Số phần tương tự - TS105-10L5.5MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
   Thermosensors
More results

Mô tả tương tự - TS105-10L5.5MM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
   Contactless Temperature Measurement
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
   Contactless Absolute 360째 (180째) angle measurement
logo
EPCOS
B57550G0202F000 EPCOS-B57550G0202F000 Datasheet
279Kb / 19P
   NTC thermistors for temperature measurement
B57565G1103F005 EPCOS-B57565G1103F005 Datasheet
254Kb / 14P
   NTC thermistors for temperature measurement
B57150K1242J000 EPCOS-B57150K1242J000 Datasheet
244Kb / 12P
   NTC thermistors for temperature measurement
B58100A0461A000 EPCOS-B58100A0461A000 Datasheet
207Kb / 9P
   NTC thermistors for temperature measurement
B57875S0212F000 EPCOS-B57875S0212F000 Datasheet
335Kb / 19P
   NTC thermistors for temperature measurement
B57881S0212F000 EPCOS-B57881S0212F000 Datasheet
338Kb / 19P
   NTC thermistors for temperature measurement
B57867S EPCOS-B57867S Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57703M EPCOS-B57703M Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com