công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP30DG24D15 bảng dữ liệu(PDF) 4 Page - Toppower Electronic Technology Limited

tên linh kiện TP30DG24D15
Giải thích chi tiết về linh kiện  30W Wide Voltage Input DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG24D15 bảng dữ liệu(HTML) 4 Page - Toppower Electronic Technology Limited

  TP30DG24D15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG24D15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG24D15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG24D15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 /4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT
Dual Output:
Trim application &Trim Resistance
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+ vin
-vin
Cin
+
+ V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
+Vo
Trim(Vadj)
-Vo
DC-DC
R
+Vo
Trim(Vadj)
-Vo
R
DC-DC
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.
Raise the output Voltage
Down the output voltage
In dual and triple output modules, this application can just used in the main load(auxiliary road change together with the main load)


Số phần tương tự - TP30DG24D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05WB TOPPOWER-TP30DC24S05WB Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Mô tả tương tự - TP30DG24D15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com