công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP78L1.5-1 bảng dữ liệu(PDF) 1 Page - Toppower Electronic Technology Limited

tên linh kiện TP78L1.5-1
Giải thích chi tiết về linh kiện  Wide Input Non-Isolated & Regulated Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP78L1.5-1 bảng dữ liệu(HTML) 1 Page - Toppower Electronic Technology Limited

  TP78L1.5-1 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP78L1.5-1 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP78L1.5-1 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP78Lxx-1 Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
TP78LXX-1 series switching regulators are ideal replacement for TP78xx linear regulators
and LDOs. The efficiency of up to 97% means that very little energy is wasted as heat so
there is no need for any heat sinks with their additional space and mounting costs. They are
widely used in industrial control, instrumentation, and electric power applications.
Wide Input Non-Isolated & Regulated Single Output
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ.
Max.
Units
Output voltage accuracy
100% full load
±2
±3
%
Line regulation
Vin=min. to max, at full load
±0.2
±0.4
Load regulation
10% to 100% load
±0.4
±0.6
Ripple & Noise
20MHz bandwidth
25
35
mvp-p
Short circuit input power
0.5
1.8
W
Short circuit protection
Continuous, automatic recovery
Thermal shutdown
Internal IC junction
150
Switching frequency
100% full load
280
330
450
KHz
Output current limit
Vin= min. to max.(at full load) Vout:1.5V~3.3V
3000
mA
Output current limit
Vin= min. to max.(at full load) Vout:5V~15V
2000
mA
Quiescent current
5
8
mA
Temperature coefficient
–40 ~+85
℃℃ ambient
±0.02
%/℃
Max capacitance load
1000
μF
All specifications typical at TA=25ºC, nominal input voltage and rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
Operating temperature
Power derating (above 71ºC)
-40
85
Operating case temp
100
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
2000
k hours
Weight
3.7
g
FEATURES
ROHS Compliant
Wide input non-isolated、regulated single output
Efficiency up to 97%
Short circuit protection, Thermal shutdown
Temperature range: -40ºC ~ +85ºC
Low ripple noise
SIP package
No heat sink required
Industry standard pinout
SELECTION GUIDE
Part Number
Input Voltage (VDC)
Output
Efficiency(%)
Nominal
Range
Voltage(VDC)
Current(mA)
Vin (Min)
Vin(Max)
TP78L1.5-1
12
4.75~26
1.5
1000
80
71
TP78L1.8-1
12
4.75~26
1.8
1000
83
74
TP78L2.5-1
12
4.75~28
2.5
1000
88
80
TP78L3.3-1
24
4.75~28
3.3
1000
90
83
TP78L5.0-1
24
6.5~32
5.0
1000
93
88
TP78L6.5-1
24
9.0~32
6.5
1000
94
90
TP78L9.0-1
24
12~32
9.0
1000
95
92
TP78L12-1
24
16~32
12
1000
96
94
TP78L15-1
24
20~32
15
1000
97
94
The above part number with "L" Suffix are 90˚ bent pins power converters, for example TP78L1.5-1L.
TOPPOWER


Số phần tương tự - TP78L1.5-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP78L1.5-1 TOPPOWER-TP78L1.5-1 Datasheet
794Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5-1.5 TOPPOWER-TP78L1.5-1.5 Datasheet
796Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results

Mô tả tương tự - TP78L1.5-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com