công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP2L24D12S bảng dữ liệu(PDF) 1 Page - Toppower Electronic Technology Limited

tên linh kiện TP2L24D12S
Giải thích chi tiết về linh kiện  2W Isolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24D12S bảng dữ liệu(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2L24D12S Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24D12S Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24D12S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2L Series
www.gztoppower.com
TEL:00-86-20-82019000
EMAIL:sales2@gztoppower.com
page 1 / 3
DESCRIPTION:
TP2L series are a range of isolated 2 Watt converters in a SIP package, 2:1 wide input range(4:1 optional)
and tightly regulated output voltage qualifies these converters for many cost critical applications in industrial
and consumer electronics. Operating temperature ranges from -40 ºC to 85 ºC the Internal SMD construction
makes it possible to offer a product with high performance at low cost.
2W Isolated Wide Input Single And Dual Output DC/DC Converters
FEATURES
RoHS compliant
2:1 wide range voltage input /4:1
Continuous short circuit protection
Operating temperature: -40ºC to 85ºC
Low regulation
1KVDC isolation/3KVDC isolation optional
Efficiency up to 83%
Power density 0.91W/cm
3
Input voltage: 5V, 12V, 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V,24V / ±5V, ±9V, ±12V, ±15V,±24V
Low ripple noise
External control
SELECTION GUIDE
Part Number
Input
Output
Efficiency
Voltage(VDC)
Voltage
(VDC)
Current(mA)
Nominal
Range
Max*
Max.
Min.
(%,Typ.)
TP2L05D05S
5 (2:1)
4.5-9.0
11
±5
±200
±20
72
TP2L05D09S
5 (2:1)
4.5-9.0
11
±9
±110
±10
72
TP2L05D12S
5 (2:1)
4.5-9.0
11
±12
±84
±8
74
TP2L05D15S
5 (2:1)
4.5-9.0
11
±15
±66
±6
73
TP2L05S05S
5 (2:1)
4.5-9.0
11
5
400
40
70
TP2L05S09S
5 (2:1)
4.5-9.0
11
9
222
22
71
TP2L05S12S
5 (2:1)
4.5-9.0
11
12
166
16
76
TP2L05S15S
5 (2:1)
4.5-9.0
11
15
134
14
75
TP2L05S24S
5 (2:1)
4.5-9.0
11
24
84
8
72
TP2L12D05S
12 (2:1)
9.0-18
22
±5
±200
±20
76
TP2L12D09S
12 (2:1)
9.0-18
22
±9
±110
±10
76
TP2L12D12S
12 (2:1)
9.0-18
22
±12
±84
±8
74
TP2L12D15S
12 (2:1)
9.0-18
22
±15
±66
±6
75
TP2L12D24S
12 (2:1)
9.0-18
22
±24
±41
±4
73
TP2L12S03S
12 (2:1)
9.0-18
22
3.3
606
60
74
TP2L12S05S
12 (2:1)
9.0-18
22
5
400
40
76
TP2L12S09S
12 (2:1)
9.0-18
22
9
222
22
78
TP2L12S12S
12 (2:1)
9.0-18
22
12
166
16
79
TP2L12S15S
12 (2:1)
9.0-18
22
15
134
14
80
TP2L12S24S
12 (2:1)
9.0-18
22
24
84
8
72
TP2L24D05S
24 (2:1)
18-36
40
±5
±200
±20
78
TP2L24D09S
24 (2:1)
18-36
40
±9
±110
±10
76
TP2L24D12S
24 (2:1)
18-36
40
±12
±84
±8
78
TP2L24D15S
24 (2:1)
18-36
40
±15
±66
±6
76
TP2L24S03S
24 (2:1)
18-36
40
3.3
606
60
72
TP2L24S05S
24 (2:1)
18-36
40
5
400
40
76
TP2L24S09S
24 (2:1)
18-36
40
9
222
22
78
TP2L24S12S
24 (2:1)
18-36
40
12
166
16
80
TP2L24S15S
24 (2:1)
18-36
40
15
134
14
80
TP2L24S24S
24 (2:1)
18-36
40
24
84
8
77
TP2L48D05S
48 (2:1)
36-72
80
±5
±200
±20
76
TP2L48D12S
48 (2:1)
36-72
80
±12
±110
±10
77
TP2L48D15S
48 (2:1)
36-72
80
±15
±84
±8
75
TP2L48S05S
48 (2:1)
36-72
80
5
400
40
76
TP2L48S09S
48 (2:1)
36-72
80
9
222
22
78
TP2L48S12S
48 (2:1)
36-72
80
12
166
16
80
TP2L48S15S
48 (2:1)
36-72
80
15
134
14
80


Số phần tương tự - TP2L24D12S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP2L24D12S-1W TOPPOWER-TP2L24D12S-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L24D12S-1W TOPPOWER-TP2L24D12S-1W Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L24D12S-2W TOPPOWER-TP2L24D12S-2W Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L24D12S-2W TOPPOWER-TP2L24D12S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L24D12S-3W TOPPOWER-TP2L24D12S-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Mô tả tương tự - TP2L24D12S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L TOPPOWER-TP2L Datasheet
579Kb / 3P
   2W 1KVDC Isolated Wide Input Single Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W_1 Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W_17 Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com