công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102WRQV bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC128S102WRQV
Giải thích chi tiết về linh kiện  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WRQV bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADC128S102WRQV Datasheet HTML 3Page - Texas Instruments ADC128S102WRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WRQV Datasheet HTML 10Page - Texas Instruments ADC128S102WRQV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
ADC128S102QML-SP
www.ti.com
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics: ADC128S102QML-SP Converter (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
(2)
This parameter is specified by design and/or characterization and is not tested in production.
ENOB Effective number of bits
VA = VD = 3 V,
fIN = 40.2 kHz
[4, 5, 6]
11.1
11.6
Bits
VA = VD = 5 V,
fIN = 40.2 kHz, −0.02 dBFS
[4, 5, 6]
11.1
11.6
Bits
ISO
Channel-to-channel isolation
VA = VD = 3 V,
fIN = 20 kHz
84
dB
VA = VD = 5 V,
fIN = 20 kHz, −0.02 dBFS
85
dB
IMD
Intermodulation distortion,
second order terms
VA = VD = 3 V,
fa = 19.5 kHz, fb = 20.5 kHz
[4, 5, 6]
–93
–78
dB
VA = VD = 5 V,
fa = 19.5 kHz, fb = 20.5 kHz
[4, 5, 6]
–93
–78
dB
Intermodulation distortion,
third order terms
VA = VD = 3 V,
fa = 19.5 kHz, fb = 20.5 kHz
[4, 5, 6]
–91
–70
dB
VA = VD = 5 V,
fa = 19.5 kHz, fb = 20.5 kHz
[4, 5, 6]
–91
–70
dB
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VA
V
IDCL
DC leakage current
[1, 2, 3]
±0.01
±1
µA
CINA
Input capacitance
Track mode, see (2)
38
pF
Hold mode, see (2)
4.5
pF
DIGITAL INPUT CHARACTERISTICS
VIH
Input high voltage
VA = VD = 2.7 V to 3.6 V
[1, 2, 3]
2.1
V
VA = VD = 4.75 V to 5.25 V
[1, 2, 3]
2.4
V
VIL
Input low voltage
VA = VD = 2.7 V to 5.25 V
[1, 2, 3]
0.8
V
IIN
Input current
VIN = 0 V or VD
[1, 2, 3]
±1
±1
µA
CIND
Digital input capacitance
See (2)
3.5
pF
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output high voltage
ISOURCE = 200 µA,
VA = VD = 2.7 V to 5.25 V
[1, 2, 3]
VD
–0.5
V
VOL
Output low voltage
ISINK = 200 µA to 1 mA,
VA = VD = 2.7 V to 5.25 V
[1, 2, 3]
0.4
V
IOZH,
IOZL
Hi-impedance output
leakage current
VA = VD = 2.7 V to 5.25 V
[1, 2, 3]
±0.01
±1
µA
COUT
Hi-impedance output
capacitance
See (2)
3.5
pF
Output coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (CL = 10 pF)
VA, VD
Analog and digital supply
voltages
VA ≥ VD
[1, 2, 3]
2.7
V
[1, 2, 3]
5.25
V
IA + ID
Total supply current,
normal mode ( CS low)
VA = VD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
0.9
1.5
mA
VA = VD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
2.2
3.1
mA
Total supply current,
shutdown mode (CS high)
VA = VD = 2.7 V to 3.6 V,
fSCLK = 0 kSPS
[1, 2, 3]
0.11
1
μA
VA = VD = 4.75 V to 5.25 V,
fSCLK = 0 kSPS
[1, 2, 3]
0.12
1.4
μA


Số phần tương tự - ADC128S102WRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102WRQV TI1-ADC128S102WRQV Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102WRQV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com