công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM9617CCEA bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM9617CCEA
Giải thích chi tiết về linh kiện  Monochrome CMOS Image Sensor VGA 30 FPS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617CCEA bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LM9617CCEA Datasheet HTML 1Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 2Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 3Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 4Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 5Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 6Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 7Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 8Page - National Semiconductor (TI) LM9617CCEA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Confidential
4
www.national.com
Pin Descriptions
Pin
Name
I/O
Typ
Description
1
vsrvdd
I0
P
Analog bidirectional, it should be connect to ground via a 1.0
µf capacitor. This pin is the
internal charge pump voltage source.
2
vrl
I
A
Anti blooming pin. This pin is normally tied to ground.
3
vdd_pix
I
P
3.3 volt supply for the pixel array.
4
irq
O
D
Digital output, the interrupt request pin. This pin generates interrupts during snapshot
mode.
5
sadr
I
D
Digital input with pull down resistor. This pin is used to program different slave addresses
for the sensor in an I
2C compatible system.
6
sda
IO
D
I
2C compatible serial interface data bus. The output stage of this pin has an open drain
driver.
7
sclk
I
D
I2C compatible serial interface clock.
8
snapshot
I
D
Digital input with pull down resistor used to activate (trigger) a snapshot sequence.
9
resetb
I
D
Digital input with pull up resistor. When forced to a logic 0 the sensor is reset to its default
power up state. The resetb signal is internally synchronized to mclk which must be run-
ning for a reset to occur.
10
pdwn
I
D
Digital input with pull down resistor. When forced to a logic 1 the sensor is put into power
down mode.
11
vss_dig
I
P
0 volt power supply for the digital circuits.
12
vdd_dig
I
P
3.3 volt power supply for the digital circuits.
13
hsync
IO
D
Digital Bidirectional. This is a dual mode pin. When the sensor’s digital video port is con-
figured to be a master, (the default), this pin is an output and is the horizontal synchroni-
zation pulse. When the sensor’s digital video port is configured to be a slave, this pin is
an input and is the row trigger.
14
vsync
IO
D
Digital Bidirectional. This is a dual mode pin. When the sensor’s digital video port is con-
figured to be a master, (the default), this pin is an output and is the vertical synchroniza-
tion pulse. When the sensor’s digital video port is configured to be a slave, this pin is an
input and is the frame trigger.
15
pclk
O
D
Digital output. The pixel clock.
16
mclk
I
D
Digital input. The sensor’s master clock input.
17
d0
O
D
Digital output. Bit 0 of the digital video output bus. This output can be put into tri-state
mode.
18
NC
Pin not used, do not connect.
19
NC
Pin not used, do not connect.
20
d1
O
D
Digital output. Bit 1 of the digital video output bus. This output can be put into tri-state
mode.
21
d2
O
D
Digital output. Bit 2 of the digital video output bus. This output can be put into tri-state
mode.
22
d3
O
D
Digital output. Bit 3 of the digital video output bus. This output can be put into tri-state
mode.
23
d4
O
D
Digital output. Bit 4 of the digital video output bus. This output can be put into tri-state
mode.
24
d5
O
D
Digital output. Bit 5 of the digital video output bus. This output can be put into tri-state
mode.
25
d6
O
D
Digital output. Bit 6 of the digital video output bus. This output can be put into tri-state
mode.


Số phần tương tự - LM9617CCEA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
logo
National Semiconductor ...
LM96163C NSC-LM96163C Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
logo
Texas Instruments
LM96163CISD/NOPB TI1-LM96163CISD/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
LM96163CISDX/NOPB TI1-LM96163CISDX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
More results

Mô tả tương tự - LM9617CCEA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
   LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
   Color CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9630 NSC-LM9630 Datasheet
150Kb / 2P
   LM9630 100 x 128, 580 fps Ultra Sensitive Monochrome CMOS Image Sensor
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com