công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33790EGR2 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC33790EGR2
Giải thích chi tiết về linh kiện  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33790EGR2 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC33790EGR2 Datasheet HTML 4Page - Motorola, Inc MC33790EGR2 Datasheet HTML 5Page - Motorola, Inc MC33790EGR2 Datasheet HTML 6Page - Motorola, Inc MC33790EGR2 Datasheet HTML 7Page - Motorola, Inc MC33790EGR2 Datasheet HTML 8Page - Motorola, Inc MC33790EGR2 Datasheet HTML 9Page - Motorola, Inc MC33790EGR2 Datasheet HTML 10Page - Motorola, Inc MC33790EGR2 Datasheet HTML 11Page - Motorola, Inc MC33790EGR2 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33790
9
PACKAGE DIMENSIONS
DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
DATUMS A AND B TO BE DETERMINED AT
THE PLANE WHERE THE BOTTOM OF THE
LEADS EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE
MOLD FLASH, PROTRUSION OR GATE
BURRS. MOLD FLASH, PROTRUSION OR
GATE BURRS SHALL NOT EXCEED
0.15mm PER SIDE. THIS DIMENSION IS
DETERMINED AT THE PLANE WHERE THE
BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE
INTER-LEAD FLASH OR PROTRUSIONS.
INTER-LEAD FLASH AND PROTRUSIONS
SHALL NOT EXCEED 0.25mm PER SIDE.
THIS DIMENSION IS DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE
LEADS EXIT THE PLASTIC BODY.
THIS DIMENSION DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL NOT
CAUSE THE LEAD WIDTH TO EXCEED
0.62mm.
89
116
SEATING
PLANE
7
0.75
X45
8X
M
0.25
B
0.49
16X
B
M
0.25
A
T
4
10.55
10.05
10.45
10.15
A
7.6
7.4
B
PIN 1 INDEX
PIN'S
NUMBER
5
A
A
0.25
1.0
0.4
0
0.32
0.23
SECTION A-A
0.35
2.65
2.35
0.25
0.10
6
T
16X
0.1 T
1.27
14X
NOTES:
1.
2.
3.
4.
5.
6.
EG (Pb free)SUFFIX
DW SUFFIX
16-LEAD SOIC WIDE BODY
PLASTIC PACKAGE
CASE 751G-04
ISSUE D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33790EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33790DW FREESCALE-MC33790DW Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DW FREESCALE-MC33790DW Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Mô tả tương tự - MC33790EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com