công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33742SDWR2 bảng dữ liệu(PDF) 9 Page - Motorola, Inc

tên linh kiện MC33742SDWR2
Giải thích chi tiết về linh kiện  System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33742SDWR2 bảng dữ liệu(HTML) 9 Page - Motorola, Inc

Back Button MC33742SDWR2 Datasheet HTML 5Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 6Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 7Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 8Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 9Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 10Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 11Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 12Page - Motorola, Inc MC33742SDWR2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33742
9
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.75 V
≤ V2 ≤ 5.25 V, 5.5 V ≤ VSUP ≤ 18 V, and -40°C ≤ TA ≤ 125°C. Typical values noted
reflect the approximate parameter mean at TA =25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LOGIC OUTPUT TERMINAL (MISO) (Note 22)
Low-Level Output Voltage
IOUT = 1.5 mA
VOL
0–
1.0
V
High-Level Output Voltage
IOUT = -250 µA
VOH
VDD-0.9
VDD
V
Tri-Stated MISO Leakage Current
0V < VMISO < VDD
IHZ
-2.0
2.0
µA
LOGIC INPUT TERMINALS (MOSI, SCLK, CS)
High-Level Input Voltage
VIH
0.7 VDD
–VDD + 0.3
V
Low-Level Input Voltage
VIL
-0.3
0.3 VDD
V
High-Level Input Current on CS
VI = 4.0 V
IIH
-100
-20
µA
Low-Level Input Current on CS
VI = 1.0 V
IIL
-100
-20
µA
MOSI and SCLK Input Current
0V < VIN < VDD
IIN
-10
10
µA
RST
OUTPUT TERMINAL (Note 23)
High-Level Output Current
0V < VOUT < 0.7 VDD
IOH
-300
-250
-150
µA
Low-Level Output Voltage
IO = 1.5 mA, 5.5 V < VSUP < 27 V
IO = 0 mA, 1.0 V <VSUP < 5.5 V
VOL
0
0
0.9
0.9
V
RST
Pulldown Current
V > 0.9 V
IPDW
2.3–5.0
mA
WDOG
OUTPUT TERMINAL (Note 24)
Low-Level Output Voltage
IO = 1.5mA, 1.0V < VSUP < 27 V
VOL
0–
0.9
V
High-Level Output Voltage
IO = -250 µA
VOH
VDD-0.9
VDD
V
INT
OUTPUT TERMINAL (Note 24)
Low-Level Output Voltage
IO = 1.5 mA
VOL
0–
0.9
V
High-Level Output Voltage
IO = -250 µA
VOH
VDD-0.9
VDD
V
Notes
22.
Push-pull structure with tri-state condition (CS HIGH).
23.
Output terminal only. Supply from VDD. Structure switch to ground with pullup current source.
24.
Push-pull structure.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33742SDWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33742SDWR2 FREESCALE-MC33742SDWR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33742SDWR2 FREESCALE-MC33742SDWR2 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
More results

Mô tả tương tự - MC33742SDWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com