công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33790EG bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC33790EG
Giải thích chi tiết về linh kiện  Two-Channel Distributed System Interface (DSI) Physical Interface Device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33790EG bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC33790EG Datasheet HTML 1Page - Motorola, Inc MC33790EG Datasheet HTML 2Page - Motorola, Inc MC33790EG Datasheet HTML 3Page - Motorola, Inc MC33790EG Datasheet HTML 4Page - Motorola, Inc MC33790EG Datasheet HTML 5Page - Motorola, Inc MC33790EG Datasheet HTML 6Page - Motorola, Inc MC33790EG Datasheet HTML 7Page - Motorola, Inc MC33790EG Datasheet HTML 8Page - Motorola, Inc MC33790EG Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2003
33790 Simplified Application Diagram
Document order number: MC33790/D
Rev 6.0, 02/2004
33790
Advance Information
TWO-CHANNEL DISTRIBUTED
SYSTEM INTERFACE (DSI)
PHYSICAL INTERFACE DEVICE
Two-Channel Distributed System
Interface (DSI) Physical Interface
Device
The 33790 is a two-channel physical layer interface IC for the Distributed
System Interface (DSI) bus. It is designed to meet automotive requirements. It
can also be used in nonautomotive applications. It supports bidirectional
communication between slave and master ICs. Some slave devices derive a
regulated 5.0 V from the bus, which can be used to power sensors, thereby
eliminating the need for additional circuitry and wiring.
Features
• Two Independent DSI Compatible Busses
• Pinout Matched to MC68HC55 (SPI to DSI Logic)
• Wave-Shaped Bus Output Voltage
• Independent Thermal Shutdown and Current Limit
• Return Signalling Current Detection
• Internal Logic Input Pull-Ups and Pull-Downs
• On-Board Charge Pump
• 2.0 kV ESD Capability
• Communications Rate Up to 150 kbps
• Motorola now offers Pb-free packages with sufix code EG
EG (Pb free) SUFFIX
DW SUFFIX
CASE 751G
BUS_IN
BUS_OUT
CPCAP
MC68HC55
33790
DSI1R
DSI1S
DSI1F
DSI0R
DSI0S
DSI0F
DSI1O
DSI0O
GND
GND
+5.0 V
DSIBUS1
0.1
µF
BUS_IN
BUS_IN
BUS_OUT
BUS_IN
33791
33793
DSI Slave Device
33927
+25 V
VDD
DSIBUS0
VSUP
ORDERING INFORMATION
Device
Temperature
Range (TJ)
Package
MC33790DW/R2
-40°C to 150°C
16 SOICW
MC33790EG/R2
-40°C to 150°C
16 SOICW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33790EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33790DW FREESCALE-MC33790DW Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DW FREESCALE-MC33790DW Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33790DWR2 FREESCALE-MC33790DWR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
More results

Mô tả tương tự - MC33790EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com